| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6526BACDXEAF Fiches technique(PDF) 181 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526BACDXEAF Fiches technique(HTML) 181 Page - Texas Instruments |
|
181 / 282 page ![]() • Case GpmcFCLKDivider = 1: – F = 0.5 × CSExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and CSOnTime are odd) or (ClkActivationTime and CSOnTime are even) – F = (1 + 0.5 × CSExtraDelay) × GPMC_FCLK(17) otherwise • Case GpmcFCLKDivider = 2: – F = 0.5 × CSExtraDelay × GPMC_FCLK(17) if ((CSOnTime - ClkActivationTime) is a multiple of 3) – F = (1 + 0.5 × CSExtraDelay) × GPMC_FCLK(17) if ((CSOnTime - ClkActivationTime - 1) is a multiple of 3) – F = (2 + 0.5 × CSExtraDelay) × GPMC_FCLK(17) if ((CSOnTime - ClkActivationTime - 2) is a multiple of 3) (7) For ADV falling edge (ADV activated): • Case GpmcFCLKDivider = 0: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) • Case GpmcFCLKDivider = 1: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and ADVOnTime are odd) or (ClkActivationTime and ADVOnTime are even) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) otherwise • Case GpmcFCLKDivider = 2: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if ((ADVOnTime - ClkActivationTime) is a multiple of 3) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVOnTime - ClkActivationTime - 1) is a multiple of 3) – G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVOnTime - ClkActivationTime - 2) is a multiple of 3) For ADV rising edge (ADV deactivated) in Reading mode: • Case GpmcFCLKDivider = 0: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) • Case GpmcFCLKDivider = 1: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and ADVRdOffTime are odd) or (ClkActivationTime and ADVRdOffTime are even) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) otherwise • Case GpmcFCLKDivider = 2: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if ((ADVRdOffTime - ClkActivationTime) is a multiple of 3) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVRdOffTime - ClkActivationTime - 1) is a multiple of 3) – G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVRdOffTime - ClkActivationTime - 2) is a multiple of 3) For ADV rising edge (ADV deactivated) in Writing mode: • Case GpmcFCLKDivider = 0: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) • Case GpmcFCLKDivider = 1: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and ADVWrOffTime are odd) or (ClkActivationTime and ADVWrOffTime are even) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) otherwise • Case GpmcFCLKDivider = 2: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if ((ADVWrOffTime - ClkActivationTime) is a multiple of 3) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVWrOffTime - ClkActivationTime - 1) is a multiple of 3) – G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVWrOffTime - ClkActivationTime - 2) is a multiple of 3) (8) For OE falling edge (OE activated) and IO DIR rising edge (Data Bus input direction): • Case GpmcFCLKDivider = 0: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) • Case GpmcFCLKDivider = 1: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and OEOnTime are odd) or (ClkActivationTime and OEOnTime are even) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) otherwise • Case GpmcFCLKDivider = 2: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) if ((OEOnTime - ClkActivationTime) is a multiple of 3) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) if ((OEOnTime - ClkActivationTime - 1) is a multiple of 3) – H = (2 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) if ((OEOnTime - ClkActivationTime - 2) is a multiple of 3) www.ti.com AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 181 Product Folder Links: AM6548 AM6528 AM6526 |