Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIMXRT516SCVM2A Fiches technique(PDF) 116 Page - NXP Semiconductors

No de pièce PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Fiches technique(HTML) 116 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 112Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 113Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 114Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 115Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 116Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 117Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 118Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 119Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
116
NXP Semiconductors
Package information and contact assignments
GPIO_SNVS_00
R10
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO3
Input
PD
GPIO_SNVS_01
P10
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO4
Input
PD
GPIO_SNVS_02
L9
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO5
Input
PD
GPIO_SNVS_03
M10
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO6
Input
PD
GPIO_SNVS_04
N10
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO7
Input
PD
GPIO_SNVS_05
P9
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO8
Input
PD
GPIO_SNVS_06
M9
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO9
Input
PD
GPIO_SNVS_07
R9
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO10
Input
PD
GPIO_SNVS_08
N9
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO11
Input
PD
GPIO_SNVS_09
R11
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO12
Input
PD
MIPI_CSI_CKP
B12
VDD_MIPI_1P8
CSI
—
—
—
—
MIPI_CSI_CKN
A12
VDD_MIPI_1P8
CSI
—
—
—
—
MIPI_CSI_DN0
A11
VDD_MIPI_1P8
CSI
—
—
—
—
MIPI_CSI_DN1
A13
VDD_MIPI_1P8
CSI
—
—
—
—
MIPI_CSI_DP0
B11
VDD_MIPI_1P8
CSI
—
—
—
—
MIPI_CSI_DP1
B13
VDD_MIPI_1P8
CSI
—
—
—
—
MIPI_DSI_CKP
B9
VDD_MIPI_1P8
DSI
—
—
—
—
MIPI_DSI_CKN
A9
VDD_MIPI_1P8
DSI
—
—
—
—
MIPI_DSI_DN0
A8
VDD_MIPI_1P8
DSI
—
—
—
—
MIPI_DSI_DN1
A10
VDD_MIPI_1P8
DSI
—
—
—
—
MIPI_DSI_DP0
B8
VDD_MIPI_1P8
DSI
—
—
—
—
MIPI_DSI_DP1
B10
VDD_MIPI_1P8
DSI
—
—
—
—
ONOFF
U10
NVCC_SNVS
ANALOG
GPIO
ALT 0
RESET_B
Input
PU
PMIC_ON_REQ
U9
NVCC_SNVS
ANALOG
GPIO
ALT 0
SNVS_LP_PMIC_ON
_REQ
Output
Output
high
Table 112. 14 x 14 mm functional contact assignment (continued)
Ball name
14 x 14
ball
Power group
Ball
Types
Default setting
Default
modes
Default function
Input/
output
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More