Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WLE4JCU6TR Fiches technique(PDF) 142 Page - STMicroelectronics

No de pièce STM32WLE4JCU6TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6TR Fiches technique(HTML) 142 Page - STMicroelectronics

Back Button STM32WLE4JCU6TR Datasheet HTML 137Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 138Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 139Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 140Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 141Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 142Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 143Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 144Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 145Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 142 / 145 page
background image
Revision history
STM32WLE5/E4xx
142/145
DS13105 Rev 8
8
Revision history
Table 99. Document revision history
Date
Revision
Changes
20-Dec-2019
1
Initial release.
8-Jan-2020
2
Updated Ultra-low-power platform features.
25-Feb-2020
3
Updated:
–TJ in Table 2: Main features and peripheral counts and in the whole doc
– Section 3.9.1: Power supply schemes
– Table 12: Temperature sensor calibration values
– Table 13: Internal voltage reference calibration values
– Ff renamed RF in Table 18: Legend/abbreviations used in the pinout table and
Table 19: STM32WLE5J8/JB/JC pin definition
– new RF AF in Table 20: Alternate functions
– Section 5.1.2: Typical values
– Figure 12: Current consumption measurement scheme
– Table 21: Voltage characteristics
– Table 23: Thermal characteristics
– Table 25: General operating conditions
– Section 5.3.3: Sub-GHz radio characteristics
– Table 34: Embedded internal voltage reference
– Table 57: MSI oscillator characteristics
– Table 58: LSI oscillator characteristics
– Table 67: I/O static characteristics
– Table 68: Output voltage characteristics
– Table 69: I/O AC characteristics
– Table 72: ADC characteristics
– Table 75: TS characteristics
– Table 76: VBAT monitoring characteristics
Removed table LSI2 oscillator.
27-Feb-2020
4
Updated:
–Features
– Table 24: Main performances at VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More