Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WLE4JCU6XXX Fiches technique(PDF) 143 Page - STMicroelectronics

No de pièce STM32WLE4JCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6XXX Fiches technique(HTML) 143 Page - STMicroelectronics

Back Button STM32WLE4JCU6XXX Datasheet HTML 137Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 138Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 139Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 140Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 141Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 142Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 143Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 144Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 145Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 143 / 145 page
background image
DS13105 Rev 8
143/145
STM32WLE5/E4xx
Revision history
144
29-Jun-2020
5
Updated:
– Radio in Features
– Section 3.8.3: Transmitter
– Table 13: Internal voltage reference calibration values
– F6 I/O structure and footnotes in Table 19: STM32WLE5xx pin definition
– Figure 11: Power supply scheme
–IVDD(PIN) in Table 22: Current characteristics
–New Table 26: Operating range of RF pads
–PA match in Table 27: Sub-GHz radio power consumption
– EFFSMPS in Table 32: Sub-GHz radio power management specifications
–IDD(Run) in Table 36
–New Table 43, Table 45, Table 47 and Table 49
– New footnote in Table 56: HSE32 crystal requirements
– Note 2 in Table 59: Low-speed external user clock characteristics
– ∆Temp(HSI16) in Table 61: HSI16 oscillator characteristics
–Tj replacing TA in Table 62 and Table 63
–Ilkg in Table 72: I/O static characteristics
– Table 73: Output voltage characteristics
– Table 77: ADC characteristics
– Table 79: ADC accuracy
8-Jul-2020
6
Updated:
– Package list in the cover page
– Table 1: Device summary
– Table 2: Main features and peripheral counts
–New Figure 8: UFQFPN48 pinout and Figure 9: WLCSP59 pinout
– Figure 10: UFBGA73 pinout
– Figure 13: Power supply scheme
– Table 19: STM32WLE5/E4xx pin definition
– Table 20: Alternate functions
– Table 70: ESD absolute maximum ratings
– Table 82: VBAT monitoring characteristics
– Table 93: SPI characteristics
– Section 7: Ordering information
Table 99. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More