Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC1 Fiches technique(PDF) 109 Page - STMicroelectronics

No de pièce STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Fiches technique(HTML) 109 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 105Page - STMicroelectronics STPMIC1 Datasheet HTML 106Page - STMicroelectronics STPMIC1 Datasheet HTML 107Page - STMicroelectronics STPMIC1 Datasheet HTML 108Page - STMicroelectronics STPMIC1 Datasheet HTML 109Page - STMicroelectronics STPMIC1 Datasheet HTML 110Page - STMicroelectronics STPMIC1 Datasheet HTML 111Page - STMicroelectronics STPMIC1 Datasheet HTML 112Page - STMicroelectronics STPMIC1 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 140 page
background image
6.5.11
Interrupt source register 1 (INT_SRC_R1)
Table 58. INT_SRC_R1
7
6
5
4
3
2
1
0
SWOUT
reserved
VBUSOTG
reserved
WKP
reserved
PKEY
reserved
R
R
R
R
R
R
R
R
Address: 0xB0
Type: read register
Default: 0x00
Description: interrupt source register 1. Register is reset on RSTn assertion.
State bit is 1 as long as event source is active.
[7]
SWOUT: SWOUT event source state
0: inactive
1: active
[6]
reserved
[5]
VBUSOTG: VBUSOTG event source state
0: inactive
1: active
[4]
reserved
[3]
WKP: WAKEUP event source state
0: inactive
1: active
[2]
reserved
[1]
PKEY: PONKEYn event source state
0: inactive
1: active
[0]
reserved
STPMIC1
Interrupt registers
DS12792 - Rev 7
page 109/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More