| Moteur de recherche de fiches techniques de composants électroniques |
|
STPMIC1 Fiches technique(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1 Fiches technique(HTML) 102 Page - STMicroelectronics |
|
102 / 140 page ![]() 6.5.4 Interrupt pending register 3 (INT_PENDING_R3) Table 51. INT_PENDING_R3 7 6 5 4 3 2 1 0 SWOUT_SH VBUSOTG_SH LDO6_OCP LDO5_OCP LDO4_OCP LDO3_OCP LDO2_OCP LDO1_OCP R R R R R R R R Address: 0x52 Type: read register only Default: 0x00 Description: interrupt pending register 3. Register is set to default on RSTn assertion For all bits: 0: IT not pending 1: IT pending [7] SWOUT_SH: A short event has been detected on SWOUT pin. Refer to Section 4.5.2 PWR_USB_SW and PWR_SW power switches [6] VBUSOTG_SH: A short event has been detected on VBUSOTG pin. Refer to Section 4.5.2 PWR_USB_SW and PWR_SW power switches [5] LDO6_OCP: Current limitation detected on LDO6 [4] LDO5_OCP: Current limitation detected on LDO5 [3] LDO4_OCP: Current limitation detected on LDO4 [2] LDO3_OCP: Current limitation detected on LDO3 [1] LDO2_OCP: Current limitation detected on LDO2 [0] LDO1_OCP: Current limitation detected on LDO1 STPMIC1 Interrupt registers DS12792 - Rev 7 page 102/140 |