Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU3PTR Fiches technique(PDF) 104 Page - STMicroelectronics

No de pièce STM32L552VCU3PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3PTR Fiches technique(HTML) 104 Page - STMicroelectronics

Back Button STM32L552VCU3PTR Datasheet HTML 100Page - STMicroelectronics STM32L552VCU3PTR Datasheet HTML 101Page - STMicroelectronics STM32L552VCU3PTR Datasheet HTML 102Page - STMicroelectronics STM32L552VCU3PTR Datasheet HTML 103Page - STMicroelectronics STM32L552VCU3PTR Datasheet HTML 104Page - STMicroelectronics STM32L552VCU3PTR Datasheet HTML 105Page - STMicroelectronics STM32L552VCU3PTR Datasheet HTML 106Page - STMicroelectronics STM32L552VCU3PTR Datasheet HTML 107Page - STMicroelectronics STM32L552VCU3PTR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 340 page
background image
25
25
33
G2
-
G2
-
L11
-
25
25
33
51
L11
73
PB12
I/O FT
-
TIM1_BKIN,
I2C2_SMBA,
SPI2_NSS,
DFSDM1_DATIN1,
USART3_CK,
LPUART1_RTS/LPUA
RT1_DE,
TSC_G1_IO1,
OCTOSPI1_NCLK,
SAI2_FS_A,
TIM15_BKIN,
EVENTOUT
-
26
26
34
F2
34
F2
52
K10
74
26
26
34
52
K10
74
PB13
I/O
FT
_f
-
TIM1_CH1N,
LPTIM3_IN1,
I2C2_SCL, SPI2_SCK,
DFSDM1_CKIN1,
USART3_CTS/USART
3_NSS,
LPUART1_CTS,
TSC_G1_IO2,
UCPD1_FRSTX2,
SAI2_SCK_A,
TIM15_CH1N,
EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More