Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU3QTR Fiches technique(PDF) 210 Page - STMicroelectronics

No de pièce STM32L552VCU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QTR Fiches technique(HTML) 210 Page - STMicroelectronics

Back Button STM32L552VCU3QTR Datasheet HTML 206Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 207Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 208Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 209Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 210Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 211Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 212Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 213Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 340 page
background image
Electrical characteristics
STM32L552xx
210/340
DS12737 Rev 6
APB2
(Cont)
USART1 independent clock domain
7.01
6.54
4.91
6.01
µA/MHz
TIM15
4.934.603.45
4.45
TIM16
3.273.052.29
2.83
TIM17
3.763.492.62
3.40
SAI1 APB clock domain
3.04
2.84
2.12
0.50
SAI1 independent clock domain
2.20
2.92
2.85
2.5
SAI2 APB clock domain
3.32
3.07
2.30
2.99
SAI2 independent clock domain
2.14
2.94
3
3
DFSDM1
8.18
7.61
5.73
7.42
ALL
-
275.73
256.25
188.42
233
1. The UCPD1 is always clocked by the HSI16.
Table 82. Peripheral current consumption (continued)
Peripheral
Range 0
Range 1
Range 2
Low-power
run and
sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More