Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU3QTR Fiches technique(PDF) 120 Page - STMicroelectronics

No de pièce STM32L552VCU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QTR Fiches technique(HTML) 120 Page - STMicroelectronics

Back Button STM32L552VCU3QTR Datasheet HTML 116Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 117Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 118Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 119Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 120Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 121Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 122Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 123Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 340 page
background image
-
-
61
A7
-
A7
96
A4
139
46
46
62
96
A4
140
PB9
I/O
FT
_f
-
IR_OUT, TIM4_CH4,
SAI1_D2, I2C1_SDA,
SPI2_NSS,
SDMMC1_CDIR,
FDCAN1_TX,
SDMMC1_D5,
SAI1_FS_A,
TIM17_CH1,
EVENTOUT
-
-
----
-
97
C4 140
-
-
-
97
C4 141
PE0
I/O FT
-
TIM4_ETR,
FMC_NBL0,
TIM16_CH1,
EVENTOUT
-
-
----
--
A3
141
-
--
98
A3
142
PE1
I/O FT
-
FMC_NBL1,
TIM17_CH1,
EVENTOUT
-
46
46
62
A8
-
-----
-----
VDD12
_2
S-
-
-
-
47
47
63
E8
62
E8
98
E4
142
47
47
63
99
E4
143
VSS
S
-
-
-
-
-
---
63
A8
99
B4
143
-
-----
V15S
MPS_
2
S-
-
-
-
48
48
64
F9
64
F9
100
J9
144
48
48
64
100
J9
144
VDD
S
-
-
-
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More