Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU3QTR Fiches technique(PDF) 103 Page - STMicroelectronics

No de pièce STM32L552VCU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QTR Fiches technique(HTML) 103 Page - STMicroelectronics

Back Button STM32L552VCU3QTR Datasheet HTML 99Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 100Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 101Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 102Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 103Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 104Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 105Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 106Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 340 page
background image
-
-
29
J2
-
H4
45L9
672222
30
48L9
70
PB11
I/O
FT
_f
-
TIM2_CH4, I2C4_SDA,
I2C2_SDA,
USART3_RX,
LPUART1_TX,
OCTOSPI1_NCS,
COMP2_OUT,
EVENTOUT
-
-
---
28
J3
46
M9
68
-
-----
VDDS
MPS
S-
-
-
-
-
---
29
H3
47
M1
0
69
-
-----
VLXS
MPS
S-
-
-
-
-
---
30
J2
48
L10
70
-
-----
VSSS
MPS
S-
-
-
-
22
22
30
J1
-
-----
-----
VDD12
_1
S-
-
-
-
23
23
31
B2
31
B2
49
E9
71
23
23
31
49
E9
71
VSS
S
-
-
-
-
-
---
32
J1
50 M11 72
-
-----
V15S
MPS_
1
S-
-
-
-
24
24
32
A1
33
A1
51
D4
73
24
24
32
50
D4
72
VDD
S
-
-
-
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More