Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP157FAC3T Fiches technique(PDF) 224 Page - STMicroelectronics

No de pièce STM32MP157FAC3T
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FAC3T Fiches technique(HTML) 224 Page - STMicroelectronics

Back Button STM32MP157FAC3T Datasheet HTML 220Page - STMicroelectronics STM32MP157FAC3T Datasheet HTML 221Page - STMicroelectronics STM32MP157FAC3T Datasheet HTML 222Page - STMicroelectronics STM32MP157FAC3T Datasheet HTML 223Page - STMicroelectronics STM32MP157FAC3T Datasheet HTML 224Page - STMicroelectronics STM32MP157FAC3T Datasheet HTML 225Page - STMicroelectronics STM32MP157FAC3T Datasheet HTML 226Page - STMicroelectronics STM32MP157FAC3T Datasheet HTML 227Page - STMicroelectronics STM32MP157FAC3T Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 260 page
background image
Electrical characteristics
STM32MP157C/F
224/260
DS12505 Rev 5
Figure 49. I2S slave timing diagram (Philips protocol)(1)
1. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
Figure 50. I2S master timing diagram (Philips protocol)(1)
1. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
SAI characteristics
Unless otherwise specified, the parameters given in Table 102 for SAI are derived from tests
performed under the ambient temperature, Fpclk2 frequency and VDD supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More