Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L031C4U6SDTR Fiches technique(PDF) 117 Page - STMicroelectronics

No de pièce STM32L031C4U6SDTR
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4U6SDTR Fiches technique(HTML) 117 Page - STMicroelectronics

Back Button STM32L031C4U6SDTR Datasheet HTML 113Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 114Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 115Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 116Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 117Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 118Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 119Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 120Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 126 page
background image
DS10668 Rev 6
117/126
STM32L031x4/6
Package information
120
TSSOP20 device marking
The following figure gives an example of topside marking versus pin 1 position identifier
location.
Other optional marking or inset/upset marks, which depends assembly location, are not
indicated below.
Figure 54. Example of TSSOP20 marking (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More