Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H747AI Fiches technique(PDF) 239 Page - STMicroelectronics

No de pièce STM32H747AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H747AI Fiches technique(HTML) 239 Page - STMicroelectronics

Back Button STM32H747AI Datasheet HTML 235Page - STMicroelectronics STM32H747AI Datasheet HTML 236Page - STMicroelectronics STM32H747AI Datasheet HTML 237Page - STMicroelectronics STM32H747AI Datasheet HTML 238Page - STMicroelectronics STM32H747AI Datasheet HTML 239Page - STMicroelectronics STM32H747AI Datasheet HTML 240Page - STMicroelectronics STM32H747AI Datasheet HTML 241Page - STMicroelectronics STM32H747AI Datasheet HTML 242Page - STMicroelectronics STM32H747AI Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 252 page
background image
DS12930 Rev 1
229/242
STM32H747xI/G
Package information
240
Figure 78. LQFP176 package recommended footprint
1. Dimensions are expressed in millimeters.
1T_FP_V1
133
132
1.2
0.3
0.5
89
88
1.2
44
45
21.8
26.7
1
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More