Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H747AI Fiches technique(PDF) 220 Page - STMicroelectronics

No de pièce STM32H747AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H747AI Fiches technique(HTML) 220 Page - STMicroelectronics

Back Button STM32H747AI Datasheet HTML 216Page - STMicroelectronics STM32H747AI Datasheet HTML 217Page - STMicroelectronics STM32H747AI Datasheet HTML 218Page - STMicroelectronics STM32H747AI Datasheet HTML 219Page - STMicroelectronics STM32H747AI Datasheet HTML 220Page - STMicroelectronics STM32H747AI Datasheet HTML 221Page - STMicroelectronics STM32H747AI Datasheet HTML 222Page - STMicroelectronics STM32H747AI Datasheet HTML 223Page - STMicroelectronics STM32H747AI Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 252 page
background image
Electrical characteristics
STM32H747xI/G
210/242
DS12930 Rev 1
Figure 58. I2S slave timing diagram (Philips protocol)(1)
1. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
Figure 59. I2S master timing diagram (Philips protocol)(1)
1. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More