Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSM7TA56106T Fiches technique(PDF) 4 Page - Visual Communications Company

No de pièce DSM7TA56106T
Description  7-Segment LED Numeric Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VCC [Visual Communications Company]
Site Internet  http://vcclite.com
Logo VCC - Visual Communications Company

DSM7TA56106T Fiches technique(HTML) 4 Page - Visual Communications Company

  DSM7TA56106T Datasheet HTML 1Page - Visual Communications Company DSM7TA56106T Datasheet HTML 2Page - Visual Communications Company DSM7TA56106T Datasheet HTML 3Page - Visual Communications Company DSM7TA56106T Datasheet HTML 4Page - Visual Communications Company DSM7TA56106T Datasheet HTML 5Page - Visual Communications Company DSM7TA56106T Datasheet HTML 6Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
03/20 Rev3
0.5
1.0
0 400
450
500
550
600
650
Relative Spectral
Wavelength (nm)
0
10
20
30
40
50
Forward Current vs. Forward Voltage
Temperature °C
Temperature °C
Forward Current (mA)
Forward Voltage (V)
Forward Current Vs. Temperature
0
20 40 60 80 100
10
20
30
40
50
-10 10
-30
0
30 50 70
0.1
0.2
0.5
1
2
2.4
2.0
2.8 3.2 3.6 4.0
0
1.0
2.0
3.0
4.0
5.0
10
0
20 30 40 50
Luminous Intensity vs. Temperature
Relative Luminous Intensity vs. Forward current
DSM7TA56106T | Page 4 of 6
Your first call for illuminated components
www.vcclite.com 1.800.522.5546
• Always use current limit resistors when necessary
LEDs could be electrically connected in parallel, with each
current limiting resistor
Product Specifications
Circuit Design Notes
Correct


Numéro de pièce similaire - DSM7TA56106T

FabricantNo de pièceFiches techniqueDescription
logo
Visual Communications C...
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
   7-Segment LED Numeric Display
More results

Description similaire - DSM7TA56106T

FabricantNo de pièceFiches techniqueDescription
logo
Visual Communications C...
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28105T VCC-DSM7TA28105T Datasheet
504Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28106T VCC-DSM7TA28106T Datasheet
491Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
   7-Segment LED Numeric Display
logo
BetLux Electronics
BL-SE800A-11S BETLUX-BL-SE800A-11S Datasheet
152Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE1000A-11S BETLUX-BL-SE1000A-11S Datasheet
193Kb / 5P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE2000A BETLUX-BL-SE2000A Datasheet
4Mb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SEC1600A BETLUX-BL-SEC1600A Datasheet
104Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE500A-11S BETLUX-BL-SE500A-11S Datasheet
150Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE1200A-11S BETLUX-BL-SE1200A-11S Datasheet
81Kb / 5P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com