Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AGLP060 Fiches technique(PDF) 111 Page - Actel Corporation

No de pièce AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Fiches technique(HTML) 111 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 107Page - Actel Corporation AGLP060 Datasheet HTML 108Page - Actel Corporation AGLP060 Datasheet HTML 109Page - Actel Corporation AGLP060 Datasheet HTML 110Page - Actel Corporation AGLP060 Datasheet HTML 111Page - Actel Corporation AGLP060 Datasheet HTML 112Page - Actel Corporation AGLP060 Datasheet HTML 113Page - Actel Corporation AGLP060 Datasheet HTML 114Page - Actel Corporation AGLP060 Datasheet HTML 115Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
3 - 17
289-Pin CSP
Pin Number
AGLP030
Function
A1
IO03RSB0
A2
NC
A3
NC
A4
GND
A5
IO10RSB0
A6
IO14RSB0
A7
IO16RSB0
A8
IO18RSB0
A9
GND
A10
IO23RSB0
A11
IO27RSB0
A12
NC
A13
NC
A14
GND
A15
NC
A16
NC
A17
IO30RSB0
B1
IO01RSB0
B2
GND
B3
NC
B4
NC
B5
IO07RSB0
B6
NC
B7
VCCIB0
B8
IO17RSB0
B9
IO19RSB0
B10
IO24RSB0
B11
IO28RSB0
B12
VCCIB0
B13
NC
B14
NC
B15
NC
B16
IO31RSB0
B17
GND
C1
NC
C2
IO00RSB0
C3
IO04RSB0
C4
NC
C5
VCCIB0
C6
IO09RSB0
C7
IO13RSB0
C8
IO15RSB0
C9
IO21RSB0
C10
GND
C11
IO29RSB0
C12
NC
C13
NC
C14
NC
C15
GND
C16
IO34RSB0
C17
NC
D1
NC
D2
IO119RSB3
D3
GND
D4
IO02RSB0
D5
NC
D6
NC
D7
NC
D8
GND
D9
IO20RSB0
D10
IO25RSB0
D11
NC
D12
NC
D13
GND
D14
IO32RSB0
D15
IO35RSB0
D16
NC
D17
NC
E1
VCCIB3
E2
IO114RSB3
E3
IO115RSB3
E4
IO118RSB3
E5
IO05RSB0
E6
NC
289-Pin CSP
Pin Number
AGLP030
Function
E7
IO06RSB0
E8
IO11RSB0
E9
IO22RSB0
E10
IO26RSB0
E11
VCCIB0
E12
NC
E13
IO33RSB0
E14
IO36RSB1
E15
IO38RSB1
E16
VCCIB1
E17
NC
F1
IO111RSB3
F2
NC
F3
IO116RSB3
F4
VCCIB3
F5
IO117RSB3
F6
NC
F7
NC
F8
IO08RSB0
F9
IO12RSB0
F10
NC
F11
NC
F12
NC
F13
NC
F14
GND
F15
NC
F16
IO37RSB1
F17
IO41RSB1
G1
IO110RSB3
G2
GND
G3
IO113RSB3
G4
NC
G5
NC
G6
NC
G7
GND
G8
GND
G9
VCC
289-Pin CSP
Pin Number
AGLP030
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More