Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AGLP060 Fiches technique(PDF) 104 Page - Actel Corporation

No de pièce AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Fiches technique(HTML) 104 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 100Page - Actel Corporation AGLP060 Datasheet HTML 101Page - Actel Corporation AGLP060 Datasheet HTML 102Page - Actel Corporation AGLP060 Datasheet HTML 103Page - Actel Corporation AGLP060 Datasheet HTML 104Page - Actel Corporation AGLP060 Datasheet HTML 105Page - Actel Corporation AGLP060 Datasheet HTML 106Page - Actel Corporation AGLP060 Datasheet HTML 107Page - Actel Corporation AGLP060 Datasheet HTML 108Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 128 page
background image
Package Pin Assignments
3- 10
R e v i sio n 1 1
201-Pin CSP
Pin Number
AGLP060
Function
A1
IO150RSB3
A2
GAA0/IO00RSB0
A3
GAC0/IO04RSB0
A4
IO08RSB0
A5
IO11RSB0
A6
IO15RSB0
A7
IO17RSB0
A8
IO18RSB0
A9
IO22RSB0
A10
IO26RSB0
A11
IO29RSB0
A12
GBC1/IO31RSB0
A13
GBA2/IO36RSB1
A14
IO41RSB1
A15
NC
B1
IO151RSB3
B2
GAB2/IO154RSB3
B3
IO06RSB0
B4
IO09RSB0
B5
IO13RSB0
B6
IO10RSB0
B7
IO12RSB0
B8
IO20RSB0
B9
IO23RSB0
B10
IO25RSB0
B11
IO24RSB0
B12
IO27RSB0
B13
IO37RSB1
B14
IO46RSB1
B15
IO42RSB1
C1
IO155RSB3
C2
GAA2/IO156RSB3
C3
GND
C4
GAA1/IO01RSB0
C5
GAB1/IO03RSB0
C6
IO07RSB0
C7
IO16RSB0
C8
IO21RSB0
C9
IO28RSB0
C10
GBB1/IO33RSB0
C11
GBA1/IO35RSB0
C12
GBB2/IO38RSB1
C13
GND
C14
IO48RSB1
C15
IO39RSB1
D1
IO146RSB3
D2
IO144RSB3
D3
IO148RSB3
D4
GND
D5
GAB0/IO02RSB0
D6
GAC1/IO05RSB0
D7
IO14RSB0
D8
IO19RSB0
D9
GBC0/IO30RSB0
D10
GBB0/IO32RSB0
D11
GBA0/IO34RSB0
D12
GND
D13
GBC2/IO40RSB1
D14
IO51RSB1
D15
IO44RSB1
E1
IO142RSB3
E2
IO149RSB3
E3
IO153RSB3
E4
GAC2/IO152RSB3
E12
IO43RSB1
E13
IO49RSB1
E14
GCC0/IO53RSB1
E15
GCB0/IO55RSB1
F1
IO141RSB3
F2
GFC1/IO140RSB3
201-Pin CSP
Pin Number
AGLP060
Function
F3
IO145RSB3
F4
IO147RSB3
F6
GND
F7
VCC
F8
VCCIB0
F9
VCCIB0
F10
VCCIB0
F12
IO47RSB1
F13
IO45RSB1
F14
GCC1/IO52RSB1
F15
GCA1/IO56RSB1
G1*
VCOMPLF
G2
GFB0/IO137RSB3
G3
GFC0/IO139RSB3
G4
IO143RSB3
G6
VCCIB3
G7
GND
G8
VCC
G9
GND
G10
GND
G12
IO50RSB1
G13
GCB1/IO54RSB1
G14
GCC2/IO60RSB1
G15
GCA2/IO58RSB1
H1*
VCCPLF
H2
GFA1/IO136RSB3
H3
GFB1/IO138RSB3
H4
NC
H6
VCCIB3
H7
GND
H8
VCC
H9
GND
H10
VCCIB1
H12
GCB2/IO59RSB1
H13
GCA0/IO57RSB1
201-Pin CSP
Pin Number
AGLP060
Function
* Pin numbers G1 and H1 must be connected to ground because a PLL is not supported for AGLP060-CS/G201.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More