| Moteur de recherche de fiches techniques de composants électroniques |
|
AGLP030 Fiches technique(PDF) 114 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AGLP030 Fiches technique(HTML) 114 Page - Actel Corporation |
|
114 / 128 page ![]() Package Pin Assignments 3- 20 R e v i sio n 1 1 289-Pin CSP Pin Number AGLP060 Function A1 GAB1/IO03RSB0 A2 NC A3 NC A4 GND A5 IO10RSB0 A6 IO14RSB0 A7 IO16RSB0 A8 IO18RSB0 A9 GND A10 IO23RSB0 A11 IO27RSB0 A12 NC A13 NC A14 GND A15 NC A16 NC A17 GBC0/IO30RSB0 B1 GAA1/IO01RSB0 B2 GND B3 NC B4 NC B5 IO07RSB0 B6 NC B7 VCCIB0 B8 IO17RSB0 B9 IO19RSB0 B10 IO24RSB0 B11 IO28RSB0 B12 VCCIB0 B13 NC B14 NC B15 NC B16 GBC1/IO31RSB0 B17 GND C1 IO155RSB3 C2 GAA0/IO00RSB0 C3 GAC0/IO04RSB0 C4 NC C5 VCCIB0 C6 IO09RSB0 C7 IO13RSB0 C8 IO15RSB0 C9 IO21RSB0 C10 GND C11 IO29RSB0 C12 NC C13 NC C14 NC C15 GND C16 GBA0/IO34RSB0 C17 IO39RSB1 D1 IO150RSB3 D2 IO151RSB3 D3 GND D4 GAB0/IO02RSB0 D5 NC D6 NC D7 NC D8 GND D9 IO20RSB0 D10 IO25RSB0 D11 NC D12 NC D13 GND D14 GBB0/IO32RSB0 D15 GBA1/IO35RSB0 D16 IO37RSB1 D17 IO42RSB1 E1 VCCIB3 E2 IO147RSB3 E3 GAC2/IO152RSB3 E4 GAA2/IO156RSB3 E5 GAC1/IO05RSB0 E6 NC E7 IO06RSB0 E8 IO11RSB0 289-Pin CSP Pin Number AGLP060 Function E9 IO22RSB0 E10 IO26RSB0 E11 VCCIB0 E12 NC E13 GBB1/IO33RSB0 E14 GBA2/IO36RSB1 E15 GBB2/IO38RSB1 E16 VCCIB1 E17 IO44RSB1 F1 GFC1/IO140RSB3 F2 IO142RSB3 F3 IO149RSB3 F4 VCCIB3 F5 GAB2/IO154RSB3 F6 IO153RSB3 F7 NC F8 IO08RSB0 F9 IO12RSB0 F10 NC F11 NC F12 NC F13 GBC2/IO40RSB1 F14 GND F15 IO43RSB1 F16 IO46RSB1 F17 IO45RSB1 G1 GFC0/IO139RSB3 G2 GND G3 IO144RSB3 G4 IO145RSB3 G5 IO146RSB3 G6 IO148RSB3 G7 GND G8 GND G9 VCC G10 GND G11 GND G12 IO48RSB1 289-Pin CSP Pin Number AGLP060 Function |