Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CHB200W12 Fiches technique(PDF) 6 Page - CINCON ELECTRONICS Corporation

No de pièce CHB200W12
Description  200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CINCON [CINCON ELECTRONICS Corporation]
Site Internet  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CHB200W12 Fiches technique(HTML) 6 Page - CINCON ELECTRONICS Corporation

  CHB200W12 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 5Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 6Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 7Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 8Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.cincon.com
6
REVISION: V10
CHB200W12 Series
Performance Data
0
10
20
30
40
50
60
70
80
90
100
110
0
10
20
30
40
50
60
70
80
90
100
110
Ambient Temperature (℃)
CHB200W12-72S Derating Curve
with Heatsink HBT127 (Vin=72V)
Natural
100 ft./min.
200 ft./min.
300 ft./min.
400 ft./min.
65%
70%
75%
80%
85%
90%
95%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Current Load (%)
CHB200W12-72S12
Eff Vs Io @25 Deg. C
14V
24V
48V
72V
110V
160V
0
5
10
15
20
25
30
35
40
45
50
0%
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Output Power (%)
CHB200W12-72S12
Pd Vs Po @25 Deg. C
14V
24V
48V
72V
110V
160V
60%
65%
70%
75%
80%
85%
90%
95%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Current Load (%)
CHB200W12-72S15
Eff Vs Io @25 Deg. C
14V
24V
48V
72V
110V
160V
0
5
10
15
20
25
30
35
40
45
50
0%
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Output Power (%)
CHB200W12-72S15
Pd Vs Po @25 Deg. C
14V
24V
48V
72V
110V
160V


Numéro de pièce similaire - CHB200W12

FabricantNo de pièceFiches techniqueDescription
logo
RSG Electronic Componen...
CHB200W RSG-CHB200W Datasheet
205Kb / 1P
132-200 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CHB200W CINCON-CHB200W Datasheet
201Kb / 2P
165 - 200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W-110S CINCON-CHB200W-110S Datasheet
571Kb / 2P
200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W-110S05 CINCON-CHB200W-110S05 Datasheet
571Kb / 2P
200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W-110S12 CINCON-CHB200W-110S12 Datasheet
571Kb / 2P
200 WATT 4:1 INPUT DC-DC CONVERTERS
More results

Description similaire - CHB200W12

FabricantNo de pièceFiches techniqueDescription
logo
CINCON ELECTRONICS Corp...
CHB150W12 CINCON-CHB150W12 Datasheet
709Kb / 8P
150 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
CQB50W12 CINCON-CQB50W12 Datasheet
537Kb / 8P
30-50 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
CQB75W8 CINCON-CQB75W8 Datasheet
506Kb / 7P
75 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB50W8 CINCON-CQB50W8 Datasheet
526Kb / 7P
50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
1 Watt isolated DC-DC converter
March 2022
logo
CINCON ELECTRONICS Corp...
CHB150W8 CINCON-CHB150W8 Datasheet
563Kb / 6P
150 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
logo
Eaton All Rights Reserv...
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
1 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com