Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CHB200W12 Fiches technique(PDF) 4 Page - CINCON ELECTRONICS Corporation

No de pièce CHB200W12
Description  200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CINCON [CINCON ELECTRONICS Corporation]
Site Internet  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CHB200W12 Fiches technique(HTML) 4 Page - CINCON ELECTRONICS Corporation

  CHB200W12 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 5Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 6Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 7Page - CINCON ELECTRONICS Corporation CHB200W12 Datasheet HTML 8Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.cincon.com
4
REVISION: V10
CHB200W12 Series
Potting Material
UL 94V-0
Pin Material
Base: Copper
Plating: Nickel with Matte Tin
Shock/Vibration
MIL-STD-810F/EN61373 Compliant
Humidity
95% RH max. Non Condensing
Altitude
5000m Operating Altitude, 12000m Transport Altitude
Thermal Shock
MIL-STD-810F
Fire & Smoke
EN45545-2 Compliant
EMI
Meets EN55032 & EN50155 Compliant (with external filter)
Class A
ESD
EN61000-4-2
Level 3: Air ±8kV, Contact ±6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
Level 3: 80~1000MHz, 20V/m
Perf. Criteria A
Fast Transient
EN61000-4-4
Level 3: On power input port, ±2kV, external input capacitor
required,
Perf. Criteria A
Surge
EN61000-4-5
Level 4: Line to earth, ±4kV, Line to line, ±2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
Level 3: 0.15~80MHz, 10V
Perf. Criteria A
Interruptions of Voltage Supply
EN50155
Class S3: 20ms interruptions
Perf. Criteria A
Supply Change Over
EN50155
Class C2: During a supply break of 30 ms,
Perf. Criteria A
Application Note Link
CHB200W12-72S Series App Notes
Packaging Information Link
Packaging Information
Immunity to Environmental Conditions.
Phenomenon
EN50155; 2017
Reference Clause(s)
Reference Standard
Test Conditions
Result
Low Temperature
Start-up test
13.4.4
EN 60068-2-1
Class OT6
Temperature: -40℃
Duration: 2 hrs
Pass
Dry Heat Test
13.4.5
EN 60068-2-2
Class OT6 & Cycle A (ST0)
Temperature: 85℃
Duration: 6 hrs
Extended temperature: 100℃
Extended Duration: 10min
Pass
Low Temperature
Storage Test
13.4.6
EN 60068-2-1
Temperature: -40℃
Duration: 16 hrs
Pass
Cyclic Damp Heat Test
13.4.7
EN 60068-2-30
Temperature: 25℃ - 55℃
Humidity: 90% RH
Duration: 48 hrs
Pass
Random Vibration Test
13.4.11
EN 61373
Temperature: 20℃ +/- 3℃
Humidity: 66% +/-5% RH
Frequency range: 5 ~ 150 Hz
Vertical: 1.01
���� ����
2
Transverse: 1.01
���� ����
2
Longitudinal: 1.01
���� ����
2
Duration: 10 min / axis
Pass
Simulated Long Life Test at
Increased Random Vibration
Levels
13.4.11
EN 61373
Temperature: 20℃ +/-3℃
Humidity: 66% +/-5% RH
Frequency range: 5 ~ 150 Hz
Vertical: 5.72
���� ����
2
Transverse: 5.72
m s
2
Longitudinal: 5.72
���� ����
2
Duration: 5 hrs / axis
Pass
Shock Test
13.4.11
EN 61373
Temperature: 20℃ +/-3℃
Humidity: 66% +/-5% RH
Frequency range: 5 ~ 150 Hz
+/-Vertical: 50
m s
2
+/-Transverse: 50
���� ����
2
+/-Longitudinal: 50
���� ����
2
Duration: 30ms x18 (Each axis 3
shocks)
Pass


Numéro de pièce similaire - CHB200W12

FabricantNo de pièceFiches techniqueDescription
logo
RSG Electronic Componen...
CHB200W RSG-CHB200W Datasheet
205Kb / 1P
132-200 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CHB200W CINCON-CHB200W Datasheet
201Kb / 2P
165 - 200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W-110S CINCON-CHB200W-110S Datasheet
571Kb / 2P
200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W-110S05 CINCON-CHB200W-110S05 Datasheet
571Kb / 2P
200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W-110S12 CINCON-CHB200W-110S12 Datasheet
571Kb / 2P
200 WATT 4:1 INPUT DC-DC CONVERTERS
More results

Description similaire - CHB200W12

FabricantNo de pièceFiches techniqueDescription
logo
CINCON ELECTRONICS Corp...
CHB150W12 CINCON-CHB150W12 Datasheet
709Kb / 8P
150 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
CQB50W12 CINCON-CQB50W12 Datasheet
537Kb / 8P
30-50 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
CQB75W8 CINCON-CQB75W8 Datasheet
506Kb / 7P
75 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB50W8 CINCON-CQB50W8 Datasheet
526Kb / 7P
50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
1 Watt isolated DC-DC converter
March 2022
logo
CINCON ELECTRONICS Corp...
CHB150W8 CINCON-CHB150W8 Datasheet
563Kb / 6P
150 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
logo
Eaton All Rights Reserv...
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
1 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com