Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPS918 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MPS918
Description  Amplifier Transistors(NPN Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS918 Fiches technique(HTML) 1 Page - ON Semiconductor

  MPS918 Datasheet HTML 1Page - ON Semiconductor MPS918 Datasheet HTML 2Page - ON Semiconductor MPS918 Datasheet HTML 3Page - ON Semiconductor MPS918 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
MPS918
MPS3563
Unit
Collector – Emitter Voltage
VCEO
15
12
Vdc
Collector – Base Voltage
VCBO
30
30
Vdc
Emitter – Base Voltage
VEBO
3.0
2.0
Vdc
Collector Current — Continuous
IC
50
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
0.85
6.8
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA(1)
357
°C/W
Thermal Resistance, Junction to Case
RqJC
147
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(2)
(IC = 3.0 mAdc, IB = 0)
MPS918
MPS3563
V(BR)CEO
15
12
Vdc
Collector – Base Breakdown Voltage
(IC = 1.0 mAdc, IE = 0)
MPS918
(IC = 100 mAdc, IE = 0)
MPS3563
V(BR)CBO
30
30
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
MPS918
MPS3563
V(BR)EBO
3.0
2.0
Vdc
Collector Cutoff Current
(VCB = 15 Vdc, IE = 0)
MPS918
MPS3563
ICBO
10
50
nAdc
1. RqJA is measured with the device soldered into a typical printed circuit board.
2. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 1.0%.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
MPS918/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPS918
MPS3563
*Motorola Preferred Device
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
*
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Numéro de pièce similaire - MPS918

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
Amplifier Transistors
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
46Kb / 3P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
logo
New Jersey Semi-Conduct...
MPS918 NJSEMI-MPS918 Datasheet
99Kb / 2P
Amplifier TVansistors
logo
ON Semiconductor
MPS918G ONSEMI-MPS918G Datasheet
46Kb / 3P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
More results

Description similaire - MPS918

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com