Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F723VCK6TR Fiches technique(PDF) 128 Page - STMicroelectronics

No de pièce STM32F723VCK6TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723VCK6TR Fiches technique(HTML) 128 Page - STMicroelectronics

Back Button STM32F723VCK6TR Datasheet HTML 124Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 125Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 126Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 127Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 128Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 129Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 130Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 131Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 229 page
background image
Electrical characteristics
STM32F722xx STM32F723xx
128/229
DS11853 Rev 6
APB1
(up to
54 MHz)
TIM2
19.3
18.2
15.6
µA/MHz
TIM3
15
14
12.2
TIM4
15.7
15.1
12.8
TIM5
18
16.9
14.4
TIM6
3.7
3.1
2.8
TIM7
3.5
2.9
2.5
TIM12
8.1
7.8
6.4
TIM13
6.1
5.1
4.7
TIM14
6.3
5.6
4.7
LPTIM1
9.4
9.8
8.3
WWDG
2.4
1.3
1.4
SPI2/I2S2(3)
6.7
6
5.3
SPI3/I2S3(3)
4.8
3.8
3.3
USART2
13.3
12
10.6
USART3
12.8
12
10.3
UART4
11.7
10.7
9.2
UART5
11.7
10.2
8.9
I2C1
10.6
9.6
8.3
I2C2
10.6
9.6
8.3
I2C3
10.7
9.8
8.3
CAN1
8.9
8
6.9
PWR
11.3
11.3
8.9
DAC(4)
6.1
5.1
4.4
UART7
13.3
12
10.3
UART8
12.6
11.6
9.7
Table 35. Peripheral current consumption (continued)
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More