| Moteur de recherche de fiches techniques de composants électroniques |
|
IS25LP032D-RMLA3 Fiches technique(PDF) 105 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP032D-RMLA3 Fiches technique(HTML) 105 Page - Integrated Silicon Solution, Inc |
|
105 / 118 page ![]() IS25LP032D IS25WP032D Integrated Silicon Solution, Inc.- www.issi.com 105 Rev. A12 08/04/2020 Figure 9.4 HOLD TIMING SI SO SCK CE# HOLD# tCHHL tHLCH tCHHH tHHCH tHZ tLZ Figure 9.5 WRITE PROTECT SETUP AND HOLD TIMIMNG DURING WRITE STATUS REGISTER (SRWD=1) Instruction = 01h CE # SCK SI SO Data In 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Mode 3 Mode 0 7 3 2 1 0 6 5 4 High Impedence WP# tSHWL tWHSL Note: WP# must be kept high until the embedded operation finish. |