Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS25LP032D-RBLE Fiches technique(PDF) 116 Page - Integrated Silicon Solution, Inc

No de pièce IS25LP032D-RBLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLE Fiches technique(HTML) 116 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLE Datasheet HTML 110Page - Integrated Silicon Solution, Inc IS25LP032D-RBLE Datasheet HTML 111Page - Integrated Silicon Solution, Inc IS25LP032D-RBLE Datasheet HTML 112Page - Integrated Silicon Solution, Inc IS25LP032D-RBLE Datasheet HTML 113Page - Integrated Silicon Solution, Inc IS25LP032D-RBLE Datasheet HTML 114Page - Integrated Silicon Solution, Inc IS25LP032D-RBLE Datasheet HTML 115Page - Integrated Silicon Solution, Inc IS25LP032D-RBLE Datasheet HTML 116Page - Integrated Silicon Solution, Inc IS25LP032D-RBLE Datasheet HTML 117Page - Integrated Silicon Solution, Inc IS25LP032D-RBLE Datasheet HTML 118Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 116 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
116
Rev. A12
08/04/2020
10.9 8-CONTACT EXTREMELY-THIN SMALL OUTLINE NO-LEAD (XSON) PACKAGE 4X4MM (E)
Note:
1.
Please click here to refer to Application Note (AN25D011, Thin USON/WSON/XSON package
handling precautions) for assembly guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More