Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3255EVM Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPA3255EVM
Description  Hardware
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3255EVM Fiches technique(HTML) 5 Page - Texas Instruments

  TPA3255EVM Datasheet HTML 1Page - Texas Instruments TPA3255EVM Datasheet HTML 2Page - Texas Instruments TPA3255EVM Datasheet HTML 3Page - Texas Instruments TPA3255EVM Datasheet HTML 4Page - Texas Instruments TPA3255EVM Datasheet HTML 5Page - Texas Instruments TPA3255EVM Datasheet HTML 6Page - Texas Instruments TPA3255EVM Datasheet HTML 7Page - Texas Instruments TPA3255EVM Datasheet HTML 8Page - Texas Instruments TPA3255EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
Hardware Overview
5
SLOU441 – July 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
TPA3255EVM
2.4
TPA3255EVM Clip Overtemperature and Fault Indicators
The TPA3255EVM is equipped with LED indicators that illuminate when the FAULT and/or CLIP_OTW pin
goes low. See Table 2 and (SLASEA8) for more details.
Table 2. Fault and Clip Overtemperature Status
FAULT
CLIP_OTW
Description
0
0
Overtemperature (OTE) or overload (OLP) or undervoltage (UVP). Junction temperature higher
than 125°C (overtemperature warning).
0
0
Overload (OLP) or undervoltage (UVP). Junction temperature higher than 125°C (overtemperature
warning).
0
1
Overload (OLP) or undervoltage (UVP). Junction temperature lower than 125°C.
1
0
Junction temperature higher than 125°C (overtemperature warning)
1
1
Junction temperature lower than 125°C and no OLP or UVP faults (normal operation)


Numéro de pièce similaire - TPA3255EVM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
600W Mono PurePath Ultra-HD Analog-Input
TPA3255 TI1-TPA3255 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255 TI-TPA3255 Datasheet
1Mb / 46P
TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TPA3255 TI-TPA3255 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results

Description similaire - TPA3255EVM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
I-7017 ETC2-I-7017 Datasheet
109Kb / 4P
Hardware
logo
Renesas Technology Corp
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
HARDWARE MANUAL
logo
Hitachi Semiconductor
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
Hardware Manual
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
Hardware Specifications
logo
List of Unclassifed Man...
AT712 ETC2-AT712 Datasheet
3Mb / 33P
Accessories Hardware
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
Hardware Manual
logo
Melexis Microelectronic...
MINIE-MLX MELEXIS-MINIE-MLX Datasheet
805Kb / 15P
Hardware Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com