Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3255EVM Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPA3255EVM
Description  Hardware
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3255EVM Fiches technique(HTML) 4 Page - Texas Instruments

  TPA3255EVM Datasheet HTML 1Page - Texas Instruments TPA3255EVM Datasheet HTML 2Page - Texas Instruments TPA3255EVM Datasheet HTML 3Page - Texas Instruments TPA3255EVM Datasheet HTML 4Page - Texas Instruments TPA3255EVM Datasheet HTML 5Page - Texas Instruments TPA3255EVM Datasheet HTML 6Page - Texas Instruments TPA3255EVM Datasheet HTML 7Page - Texas Instruments TPA3255EVM Datasheet HTML 8Page - Texas Instruments TPA3255EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Hardware Overview
www.ti.com
4
SLOU441 – July 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
TPA3255EVM
2.2
TPA3255EVM Frequency Adjust
The TPA3255EVM offers hardware trimmed oscillator frequency by external control of the FREQ_ADJ pin.
The Frequency adjust can be used to reduce interference problems while using a radio receiver tuned
within the AM band, the switching frequency can be changed from nominal to lower values. These values
should be chosen such that the nominal and the lower value switching frequencies together results in the
fewest cases of interference throughout the AM band. The oscillator frequency can be selected by the
value of the FREQ_ADJ resistor connected to GND in master mode according to Table 1.
Table 1. Frequency Adjust Master Mode Selection
Master Mode
Resistor to GND
Nominal
30 kΩ
AM1
20 kΩ
AM2
10 kΩ
For slave-mode operation, turn off the oscillator by pulling the FREQ_ADJ pin to DVDD. This configures
the OSC_I/O pins as inputs to be slaved from an external differential clock. In a master/slave system inter-
channel delay is automatically set up between the switching phases of the audio channels, which can be
illustrated by no idle channels switching at the same time. This will not influence the audio output, but only
the switch timing to minimize noise coupling between audio channels through the power supply. This will
optimize audio performance and result in better operating conditions for the power supply. The inter-
channel delay will be set up for a slave device depending on the polarity of the OSC_I/O connection such
that slave mode 1 is selected by connecting the OSC_I/O of the master device with the OSC_I/O of the
slave device with the same polarity (+ to + and – to –), while slave mode 2 is selected by connecting the
OSC_I/O's with the inverse polarity (+ to – and – to +).
2.3
TPA3255EVM Single-Ended and Differential Input
The TPA3255EVM supports both differential and single-ended inputs. For single-ended inputs, J4 and/or
J19 jumpers are set to the SE position, so that the TPA3255EVM uses the NE5532 to convert the single-
ended input signal to differential to properly drive the differential inputs of the TPA3255. The input RCA
jack, J3, is used to provide INA inputs and RCA jack J14 is used to provide INB inputs. RCA jack J18 is
used to provide INC inputs and RCA jack J15 is used to provide IND inputs with differential inputs.
For differential input operation, J4 and/or J19 jumpers are set to the DIFF position, and the TPA3255EVM
uses the NE5532 to buffer the differential input signal to the differential inputs of the TPA3255. The input
RCA jack, J3, is used to provide INA, RCA jack J14 provides INB, RCA jack J18 provides INC, and RCA
jack J15 provides IND with differential inputs.
NOTE:
Single-ended input settings on the TPA3255EVM should only be used for channels with
output configuration BTL or PBTL, not SE. For SE output configuration J4 and/or J19
jumpers for that channel must be set to the DIFF position, so the input signal INx is mapped
directly to OUTx.


Numéro de pièce similaire - TPA3255EVM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
600W Mono PurePath Ultra-HD Analog-Input
TPA3255 TI1-TPA3255 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255 TI-TPA3255 Datasheet
1Mb / 46P
TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TPA3255 TI-TPA3255 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results

Description similaire - TPA3255EVM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
I-7017 ETC2-I-7017 Datasheet
109Kb / 4P
Hardware
logo
Renesas Technology Corp
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
HARDWARE MANUAL
logo
Hitachi Semiconductor
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
Hardware Manual
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
Hardware Specifications
logo
List of Unclassifed Man...
AT712 ETC2-AT712 Datasheet
3Mb / 33P
Accessories Hardware
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
Hardware Manual
logo
Melexis Microelectronic...
MINIE-MLX MELEXIS-MINIE-MLX Datasheet
805Kb / 15P
Hardware Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com