Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3255EVM Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPA3255EVM
Description  Hardware
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3255EVM Fiches technique(HTML) 3 Page - Texas Instruments

  TPA3255EVM Datasheet HTML 1Page - Texas Instruments TPA3255EVM Datasheet HTML 2Page - Texas Instruments TPA3255EVM Datasheet HTML 3Page - Texas Instruments TPA3255EVM Datasheet HTML 4Page - Texas Instruments TPA3255EVM Datasheet HTML 5Page - Texas Instruments TPA3255EVM Datasheet HTML 6Page - Texas Instruments TPA3255EVM Datasheet HTML 7Page - Texas Instruments TPA3255EVM Datasheet HTML 8Page - Texas Instruments TPA3255EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
Hardware Overview
3
SLOU441 – July 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
TPA3255EVM
2
Hardware Overview
The TPA3255EVM PurePath™ Ultra-HD evaluation module demonstrates the TPA3255DDV integrated
circuit from Texas Instruments. The TPA3255DDV is a high-performance high-power class-D amplifier that
enables true premium sound quality with high-efficiency class-D technology. It features an advance
integrated feedback design and high-speed gate driver error correction (PurePath Ultra-HD), which
enables ultra-low distortion across the audio band and superior audio quality. This EVM supports two BTL
(stereo 2.0) output channels, one PBTL (mono 0.1) output channel, one BTL plus two SE (2.1) output
channels, and four SE (4.0) output channels configurations. The NE5532 is a High Performance Audio Op
Amp designed to allow TPA3255DDV operation with differential or single ended input signals to the EVM
with differential inputs yielding the optimal performance. TPA3255EVM is a complete 2-Vrms analog input
2 × 315-W stereo/1 × 600-W mono high-power amplifier ready for evaluation and excellent listening
experience.
Figure 1. TPA3255EVM
2.1
TPA3255EVM Features
The TPA3255EVM has the following features:
Stereo PurePath Ultra-HD evaluation module
Self-contained protection system (short circuit, clip, and thermal)
Standard 4-V
RMS differential input or single-ended line input
BTL, PBTL, and SE output configuration support
Frequency adjust and oscillator sync interface
Single supply voltage range 14–53.5 V
Double-sided, plated-through, 2-oz. Cu 2-layer PCB layout


Numéro de pièce similaire - TPA3255EVM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
600W Mono PurePath Ultra-HD Analog-Input
TPA3255 TI1-TPA3255 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255 TI-TPA3255 Datasheet
1Mb / 46P
TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TPA3255 TI-TPA3255 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results

Description similaire - TPA3255EVM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
I-7017 ETC2-I-7017 Datasheet
109Kb / 4P
Hardware
logo
Renesas Technology Corp
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
HARDWARE MANUAL
logo
Hitachi Semiconductor
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
Hardware Manual
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
Hardware Specifications
logo
List of Unclassifed Man...
AT712 ETC2-AT712 Datasheet
3Mb / 33P
Accessories Hardware
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
Hardware Manual
logo
Melexis Microelectronic...
MINIE-MLX MELEXIS-MINIE-MLX Datasheet
805Kb / 15P
Hardware Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com