Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJE5730 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MJE5730
Description  POWER TRANSISTORS PNP SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5730 Fiches technique(HTML) 4 Page - ON Semiconductor

  MJE5730 Datasheet HTML 1Page - ON Semiconductor MJE5730 Datasheet HTML 2Page - ON Semiconductor MJE5730 Datasheet HTML 3Page - ON Semiconductor MJE5730 Datasheet HTML 4Page - ON Semiconductor MJE5730 Datasheet HTML 5Page - ON Semiconductor MJE5730 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE5730 MJE5731 MJE5731A
4
Motorola Bipolar Power Transistor Device Data
t2
Figure 7. Switching Time Equivalent Circuit
TURN–ON PULSE
VBE(off)
Vin
APPROX
.
–11 V
0 V
t3
TURN–OFF PULSE
t1 ≤ 7.0 ns
100
≤ t2 < 500 µs
t3 < 15 ns
APPROX. + 9.0 V
DUTY CYCLE
≈ 2.0%
VCC
Vin
RC
RB
SCOPE
+ 4.0 V
Cjd << Ceb
51
t1
0.02
0.2
2.0
0.1
0.05
0.5
1.0
5.0
IC, COLLECTOR CURRENT (AMPS)
TJ = 25°C
VCC = 200 V
IC/IB = 5.0
2.0
1.0
0.5
0.2
0.1
0.05
Figure 8. Turn–On Resistive Switching Times
Figure 9. Resistive Turn–Off Switching Times
IC, COLLECTOR CURRENT (AMPS)
0.01
1.0
0.5
0.1
0.05
0.02
0.02
0.2
2.0
0.1
0.05
0.5
1.0
tr
td
ts
tf
TJ = 25°C
VCC = 200 V
IC/IB = 5.0
0.2
0.03
0.3
0.03
0.3
0.3
3.0
0.03
0.3
INPUT
50
50
VBB1 = 10 V
RBB2 =
100
TUT
VCE MONITOR
100 mH
VCC = 20 V
+
RBB1 =
150
IC MONITOR
RS =
0.1
VBB2 =
0
+
Test Circuit
Voltage and Current Waveforms
INPUT
VOLTAGE
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
VCE(sat)
10 V
VCER
0 V
0.63 A
–5 V
0 V
100 ms
tw ≈ 3 ms
(SEE NOTE 1)
Figure 10. Inductive Load Switching
MJE171


Numéro de pièce similaire - MJE5730

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
82Kb / 5P
High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
logo
Inchange Semiconductor ...
MJE5730 ISC-MJE5730 Datasheet
264Kb / 2P
Silicon PNP Power Transistor
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
82Kb / 6P
High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
MJE5730G ONSEMI-MJE5730G Datasheet
82Kb / 5P
High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
More results

Description similaire - MJE5730

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
Silicon PNP Power Transistors
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com