Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA10201521 Fiches technique(PDF) 1 Page - Cyntec Co., Ltd.

No de pièce SA10201521
Description  SA10201521, The Platinum Resistance temperature sensor (PT-RTD)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYNTEC [Cyntec Co., Ltd.]
Site Internet  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SA10201521 Fiches technique(HTML) 1 Page - Cyntec Co., Ltd.

  SA10201521 Datasheet HTML 1Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 2Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 3Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 4Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 5Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 6Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 7Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DOCUMENT : SA10201521
REVISION
: A1
1
SA10201521, The Platinum Resistance temperature sensor (PT-RTD)
PT Sensor
Features:
- Low drift
- Long service life
- Wide temperature range
- Wide range of resistance values
- Temperature linear control
- High precision
- Fast response time
- RoHS compliant
Appliances:
- Home Appliances: Oven, Air conditioner, Refrigerator, Calorimeter
- Industrial Equipment: Temperature controller
- Medical: Precision thermometer
- Electronics: Over-Temperature protection
Characteristics
Feature
Resistance value at 0℃
1000±1.2 ohm
Tolerance
Class B : ±0.12%
Temperature coefficient of resistance (TCR)
3850ppm/℃
Operation temperature range
-50℃~ +500℃
Maximum applied current
1 mA
Thermal response time (90%)
40 seconds max. (In air of 1 m/sec.)
Self-heating
2.5 mW/℃ (In air of 1 m/sec.)
Features / Applications :
Electrical Specifications :


Numéro de pièce similaire - SA10201521

FabricantNo de pièceFiches techniqueDescription
logo
Cyntec Co., Ltd.
SA10200542 CYNTEC-SA10200542 Datasheet
1Mb / 7P
   SA10200542, The Platinum Resistance temperature sensor (PT-RTD)
More results

Description similaire - SA10201521

FabricantNo de pièceFiches techniqueDescription
logo
Cyntec Co., Ltd.
SA10101553 CYNTEC-SA10101553 Datasheet
1Mb / 7P
   SA10101553, The Platinum Resistance temperature sensor (PT-RTD)
SA10160543 CYNTEC-SA10160543 Datasheet
1Mb / 7P
   SA10160543, The Platinum Resistance temperature sensor (PT-RTD)
SA50101528 CYNTEC-SA50101528 Datasheet
1Mb / 7P
   SA50101528, The Platinum Resistance temperature sensor (PT-RTD)
SA10200542 CYNTEC-SA10200542 Datasheet
1Mb / 7P
   SA10200542, The Platinum Resistance temperature sensor (PT-RTD)
SA10260539 CYNTEC-SA10260539 Datasheet
1Mb / 7P
   SA10260539, The Platinum Resistance temperature sensor (PT-RTD)
SE10255018 CYNTEC-SE10255018 Datasheet
1Mb / 9P
   SE10255018, The Platinum Resistance temperature sensor (PT-RTD)
SA50100585 CYNTEC-SA50100585 Datasheet
1Mb / 7P
   SA50100585, The Platinum Resistance temperature sensor (PT-RTD)
SI10210508 CYNTEC-SI10210508 Datasheet
1,019Kb / 7P
   SI10210508, The Platinum Resistance temperature sensor (PT-RTD)
SA10100609 CYNTEC-SA10100609 Datasheet
1Mb / 7P
   SA10100609, The Platinum Resistance temperature sensor (PT-RTD)
SA50160527 CYNTEC-SA50160527 Datasheet
1Mb / 7P
   SA50160527, The Platinum Resistance temperature sensor (PT-RTD)chip
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com