Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DSOPTR Fiches technique(PDF) 105 Page - STMicroelectronics

No de pièce LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Fiches technique(HTML) 105 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 99Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 100Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 101Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 102Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 103Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 104Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 105Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 106Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 107Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 105 / 107 page
background image
DocID032926 Rev 5
105/107
LSM6DSOP
Package information
107
Figure 22. Reel information for carrier tape of LGA-14 package
Table 221. Reel dimensions for carrier tape of LGA-14 package
Reel dimensions (mm)
A (max)
330
B (min)
1.5
C
13 ±0.25
D (min)
20.2
N (min)
60
G
12.4 +2/-0
T (max)
18.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More