Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV82X7 Fiches technique(PDF) 144 Page - STMicroelectronics

No de pièce STV82X7
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7 Fiches technique(HTML) 144 Page - STMicroelectronics

Back Button STV82X7 Datasheet HTML 140Page - STMicroelectronics STV82X7 Datasheet HTML 141Page - STMicroelectronics STV82X7 Datasheet HTML 142Page - STMicroelectronics STV82X7 Datasheet HTML 143Page - STMicroelectronics STV82X7 Datasheet HTML 144Page - STMicroelectronics STV82X7 Datasheet HTML 145Page - STMicroelectronics STV82X7 Datasheet HTML 146Page - STMicroelectronics STV82X7 Datasheet HTML 147Page - STMicroelectronics STV82X7 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 149 page
background image
Input/Output Groups
STV82x7
144/149
VDD18_CONV
34
VDD33_CONV
22
VCC_NISO
20
VCC33_LS
16
VCC33_SC
7
VCC_H
3
VDD18_ADC
71
VCC18_IF
76
GND18_IF
77
GNDPW_IF
75
VSS18_ADC
72
GND_PSUB
70
GND33_LS
17
GND_H
4
GND33_SC
8
GND_SA
12
VSS18_CONV
33
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More