Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33067P Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC33067P
Description  HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33067P Fiches technique(HTML) 3 Page - ON Semiconductor

  MC33067P Datasheet HTML 1Page - ON Semiconductor MC33067P Datasheet HTML 2Page - ON Semiconductor MC33067P Datasheet HTML 3Page - ON Semiconductor MC33067P Datasheet HTML 4Page - ON Semiconductor MC33067P Datasheet HTML 5Page - ON Semiconductor MC33067P Datasheet HTML 6Page - ON Semiconductor MC33067P Datasheet HTML 7Page - ON Semiconductor MC33067P Datasheet HTML 8Page - ON Semiconductor MC33067P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC34067 MC33067
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 12 V [Note 2], ROSC= 18.2 k, RVFO = 2940, COSC = 300 pF, RT = 2370 k, CT = 300 pF,
CL = 1.0 nF. For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies [Note 3], unless
otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (Error Amp Output Low)
TA = 25°C
Total Variation (VCC = 10 to 18 V, TA = TLow to THigh
fOSC(low)
500
490
525
540
550
kHz
Frequency (Error Amp Output High)
TA = 25°C
Total Variation (VCC = 10 to 18 V, TA = TLow to THigh
fOSC(high)
1900
1850
2050
2150
2200
kHz
Oscillator Control Input Voltage, Pin 3 @ 25
°C
Vin
2.5
V
ONE–SHOT
Drive Output Off–Time
TA = 25°C
Total Variation (VCC = 10 to 18 V, TA = TLow to THigh
tBlank
235
225
250
270
280
ns
DRIVE OUTPUTS
Output Voltage
Low State (ISink = 20 mA)
Low State (ISink = 200 mA)
High State (ISource = 20 mA)
High State (ISource = 200 mA)
VOL
VOH
9.5
9.0
0.8
1.5
10.3
9.7
1.2
2.0
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 1.0 mA)
VOL(UVLO)
0.8
1.2
V
Output Voltage Rise Time (CL = 1.0 nF)
tr
20
50
ns
Output Voltage Fall Time (CL = 1.0 nF)
tf
15
50
ns
FAULT COMPARATOR
Input Threshold
Vth
0.93
1.0
1.07
V
Input Bias Current (VPin 10 = 0 V)
IIB
– 2.0
–10
µA
Propagation Delay to Drive Outputs (100 mV Overdrive)
tPLH(In/Out)
60
100
ns
SOFT–START
Capacitor Charge Current (VPin 11 = 2.5 V)
Ichg
4.5
9.0
14
µA
Capacitor Discharge Current (VPin 11 = 2.5 V)
Idischg
3.0
8.0
mA
UNDERVOLTAGE LOCKOUT
Startup Threshold, VCC Increasing
Enable/UVLO Adjust Pin Open
Enable/UVLO Adjust Pin Connected to VCC
Vth(UVLO)
14.8
8.0
16
9.0
17.2
10
V
Minimum Operating Voltage After Turn–On
Enable/UVLO Adjust Pin Open
Enable/UVLO Adjust Pin Connected to VCC
VCC(min)
8.0
7.6
9.0
8.6
10
9.6
V
Enable/UVLO Adjust Shutdown Threshold Voltage
Vth(Enable)
6.0
7.0
V
Enable/UVLO Adjust Input Current (Pin 9 = 0 V)
Iin(Enable)
– 0.2
– 1.0
mA
TOTAL DEVICE
Power Supply Current (Enable/UVLO Adjust Pin Open)
Startup (VCC = 13.5 V)
Operating (fOSC = 500 kHz) (Note 2)
ICC
0.5
27
0.8
35
mA
NOTES: 1. Maximum package power dissipation limits must be observed.
2. Adjust VCC above the Startup threshold before setting to 12 V.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for the MC34067
Thigh = + 70°C for MC34067
=– 40
°C for the MC33067
Thigh = + 85°C for MC33067


Numéro de pièce similaire - MC33067P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33067P ONSEMI-MC33067P Datasheet
535Kb / 16P
High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067PG ONSEMI-MC33067PG Datasheet
535Kb / 16P
High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
More results

Description similaire - MC33067P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
High Performance Resonant Mode Controllers
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
NCP1396AP ONSEMI-NCP1396AP Datasheet
506Kb / 25P
High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
NCP1396A ONSEMI-NCP1396A_10 Datasheet
506Kb / 25P
High Performance Resonant Mode Controller featuring High-Voltage Drivers
November, 2010 -- Rev. 7
NCP1396D ONSEMI-NCP1396D Datasheet
506Kb / 25P
High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com