| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7SB20J/EU Fiches technique(PDF) 140 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7SB20J/EU Fiches technique(HTML) 140 Page - STMicroelectronics |
|
140 / 154 page ![]() ST7232A 140/154 13.2 THERMAL CHARACTERISTICS Notes: 1. The power dissipation is obtained from the formula PD=PINT+PPORT where PINT is the chip internal power (IDDxVDD) and PPORT is the port power dissipation determined by the user. 2. The average chip-junction temperature can be obtained from the formula TJ = TA + PD x RthJA. Symbol Ratings Value Unit RthJA Package thermal resistance (junction to ambient) TQFP32 7x7 SDIP32 400mil 70 TBD °C/W PD Power dissipation 1) 500 mW TJmax Maximum junction temperature 2) 150 °C 1 |