Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC8T245-Q100 Fiches technique(PDF) 1 Page - Nexperia B.V. All rights reserved

No de pièce 74LVC8T245-Q100
Description  8-bit dual supply translating transceiver; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T245-Q100 Fiches technique(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC8T245-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1.
General description
The 74LVC8T245-Q100; 74LVCH8T245-Q100 are 8-bit dual supply translating
transceivers with 3-state outputs that enable bidirectional level translation. They feature
two data input-output ports (pins An and Bn), a direction control input (DIR), an output
enable input (OE) and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be
supplied at any voltage between 1.2 V and 5.5 V. This flexibility makes the device suitable
for translating between any of the low voltage nodes (1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V and
5.0 V). Pins An, OE and DIR are referenced to VCC(A) and pins Bn are referenced to
VCC(B). A HIGH on DIR allows transmission from An to Bn and a LOW on DIR allows
transmission from Bn to An. The output enable input (OE) can be used to disable the
outputs so the buses are effectively isolated.
The devices are fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing any damaging backflow current through the
device when it is powered down. In suspend mode when either VCC(A) or VCC(B) are at
GND level, both A port and B port are in the high-impedance OFF-state.
Active bus hold circuitry in the 74LVCH8T245-Q100 holds unused or floating data inputs
at a valid logic level.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Wide supply voltage range:
VCC(A): 1.2 V to 5.5 V
VCC(B): 1.2 V to 5.5 V
High noise immunity
Complies with JEDEC standards:
JESD8-7 (1.2 V to 1.95 V)
JESD8-5 (1.8 V to 2.7 V)
JESD8C (2.7 V to 3.6 V)
JESD36 (4.5 V to 5.5 V)
74LVC8T245-Q100;
74LVCH8T245-Q100
8-bit dual supply translating transceiver; 3-state
Rev. 1 — 21 March 2013
Product data sheet


Numéro de pièce similaire - 74LVC8T245-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC8T245 NXP-74LVC8T245 Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74LVC8T245BQ NEXPERIA-74LVC8T245BQ Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
Texas Instruments
74LVC8T245DBQRG4 TI-74LVC8T245DBQRG4 Datasheet
739Kb / 20P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - 74LVC8T245-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74AXP8T245 NEXPERIA-74AXP8T245 Datasheet
325Kb / 27P
   8-bit dual supply translating transceiver; 3-state
Rev. 1 - 11 February 2020
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com