Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC8T245-Q100 Fiches technique(PDF) 4 Page - Nexperia B.V. All rights reserved

No de pièce 74LVC8T245-Q100
Description  8-bit dual supply translating transceiver; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T245-Q100 Fiches technique(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC8T245-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH8T245_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 21 March 2013
4 of 28
Nexperia
74LVC8T245-Q100; 74LVCH8T245-Q100
8-bit dual supply translating transceiver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
[1]
All GND pins must be connected to ground (0 V).
(1) This is not a supply pin, the substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered the solder land should remain
floating or be connected to GND.
Fig 3.
Pin configuration SOT355-1 (TSSOP24)
Fig 4.
Pin configuration SOT815-1 (DHVQFN24)
/9&74
/9&+74
9&& $
9&& %
',5
9&& %
$
2(
$
%
$
%
$
%
$
%
$
%
$
%
$
%
*1'
%
*1'
*1'
DDD
























DDD
/9&74
/9&+74
7UDQVSDUHQWWRS YLHZ
%
$
*1'
%
$
%
$
%
$
%
$
%
$
%
$
%
$
2(
',5
9&& %




















WHUPLQDO
LQGH[DUHD
*1' 
Table 2.
Pin description
Symbol
Pin
Description
VCC(A)
1
supply voltage A (An inputs/outputs, OE and DIR inputs are referenced to VCC(A))
DIR
2
direction control
A1 to A8
3, 4, 5, 6, 7, 8, 9, 10
data input or output
GND[1]
11
ground (0 V)
GND[1]
12
ground (0 V)
GND[1]
13
ground (0 V)
B1 to B8
21, 20, 19, 18, 17, 16, 15, 14 data input or output
OE
22
output enable input (active LOW)
VCC(B)
23
supply voltage B (Bn inputs/outputs are referenced to VCC(B))
VCC(B)
24
supply voltage B (Bn inputs/outputs are referenced to VCC(B))


Numéro de pièce similaire - 74LVC8T245-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC8T245 NXP-74LVC8T245 Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74LVC8T245BQ NEXPERIA-74LVC8T245BQ Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
Texas Instruments
74LVC8T245DBQRG4 TI-74LVC8T245DBQRG4 Datasheet
739Kb / 20P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - 74LVC8T245-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74AXP8T245 NEXPERIA-74AXP8T245 Datasheet
325Kb / 27P
   8-bit dual supply translating transceiver; 3-state
Rev. 1 - 11 February 2020
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com