Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC164245-Q100 Fiches technique(PDF) 10 Page - Nexperia B.V. All rights reserved

No de pièce 74ALVC164245-Q100
Description  16-bit dual supply translating transceiver 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC164245-Q100 Fiches technique(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74ALVC164245-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Nexperia
74ALVC164245-Q100
16-bit dual supply translating transceiver; 3-state
mna362
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with output load.
Fig. 5. 3-state enable and disable times
Table 8. Measurement points
Supply voltage
Input
Output
Direction
VCC(A)
VCC(B)
VI
VM
VM
VX
VY
nAn port to nBn port 2.3 V to 2.7 V 2.7 V to 3.6 V VCC(A) 0.5 × VCC(A) 1.5 V
VOL(B) + 0.3 V VOH(B) - 0.3 V
nBn port to nAn port 2.3 V to 2.7 V 2.7 V to 3.6 V 2.7 V
1.5 V
0.5 × VCC(A) VOL(A) + 0.15 V VOH(A) - 0.15 V
nAn port to nBn port 2.7 V to 3.6 V 4.5 V to 5.5 V 2.7 V
1.5 V
0.5 × VCC(B) 0.2 × VCC(B)
0.8 × VCC(B)
nBn port to nAn port 2.7 V to 3.6 V 4.5 V to 5.5 V 3.0 V
1.5 V
1.5 V
VOL(A) + 0.3 V VOH(A) - 0.3 V
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Test data is given in Table 9.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
VEXT = External voltage for measuring switching times.
Fig. 6. Test circuit for measuring switching times
Table 9. Test data
Supply voltage
Load
VEXT
Direction
VCC(A)
VCC(B)
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
nAn port to nBn port
2.3 V to 2.7 V 2.7 V to 3.6 V 50 pF
500 Ω
open
GND
2 × VCC
nBn port to nAn port
2.3 V to 2.7 V 2.7 V to 3.6 V 50 pF
500 Ω
open
GND
6.0 V
nAn port to nBn port
2.7 V to 3.6 V 4.5 V to 5.5 V 50 pF
500 Ω
open
GND
2 × VCC
nBn port to nAn port
2.7 V to 3.6 V 4.5 V to 5.5 V 50 pF
500 Ω
open
GND
6.0 V
74ALVC164245_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 9 April 2019
10 / 14


Numéro de pièce similaire - 74ALVC164245-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
107Kb / 19P
16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245BQ NXP-74ALVC164245BQ Datasheet
181Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
More results

Description similaire - 74ALVC164245-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com