Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC164245-Q100 Fiches technique(PDF) 8 Page - Nexperia B.V. All rights reserved

No de pièce 74ALVC164245-Q100
Description  16-bit dual supply translating transceiver 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC164245-Q100 Fiches technique(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74ALVC164245-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVC164245-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Nexperia
74ALVC164245-Q100
16-bit dual supply translating transceiver; 3-state
10. Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; tr = tf ≤ 2.5 ns; CL = 50 pF; for test circuit see Fig. 6.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
nAn to nBn; see Fig. 4
[2]
VCC(A) = 2.3 V to 2.7 V;
VCC(B) = 3.0 V to 3.6 V
1.5
3.3
7.6
1.5
9.5
ns
VCC(A) = 2.7 V;
VCC(B) = 4.5 V to 5.5 V
1.0
3.0
5.9
1.0
7.5
ns
VCC(A) = 3.0 V to 3.6 V;
VCC(B) = 4.5 V to 5.5 V
1.0
2.9
5.8
1.0
7.5
ns
nBn to nAn; see Fig. 4
[2]
VCC(A) = 2.3 V to 2.7 V;
VCC(B) = 3.0 V to 3.6 V
1.0
3.0
7.6
1.0
9.5
ns
VCC(A) = 2.7 V;
VCC(B) = 4.5 V to 5.5 V
1.0
4.3
6.7
1.0
8.5
ns
tpd
propagation
delay
VCC(A) = 3.0 V to 3.6 V;
VCC(B) = 4.5 V to 5.5 V
1.2
2.5
5.8
1.2
7.5
ns
nOE to nBn; see Fig. 5
[3]
VCC(A) = 2.3 V to 2.7 V;
VCC(B) = 3.0 V to 3.6 V
1.5
4.1
11.5
1.5
14.5
ns
VCC(A) = 2.7 V;
VCC(B) = 4.5 V to 5.5 V
1.5
3.6
9.2
1.5
11.5
ns
VCC(A) = 3.0 V to 3.6 V;
VCC(B) = 4.5 V to 5.5 V
1.0
3.2
8.9
1.0
12.0
ns
nOE to nAn; see Fig. 5
[3]
VCC(A) = 2.3 V to 2.7 V;
VCC(B) = 3.0 V to 3.6 V
1.5
4.6
12.3
1.5
15.5
ns
VCC(A) = 2.7 V;
VCC(B) = 4.5 V to 5.5 V
1.5
4.3
9.3
1.5
12.0
ns
ten
enable time
VCC(A) = 3.0 V to 3.6 V;
VCC(B) = 4.5 V to 5.5 V
1.0
3.2
8.9
1.0
11.5
ns
nOE to nBn; see Fig. 5
[4]
VCC(A) = 2.3 V to 2.7 V;
VCC(B) = 3.0 V to 3.6 V
2.0
2.7
10.5
2.0
13.5
ns
VCC(A) = 2.7 V;
VCC(B) = 4.5 V to 5.5 V
2.5
4.6
9.0
2.5
11.5
ns
VCC(A) = 3.0 V to 3.6 V;
VCC(B) = 4.5 V to 5.5 V
2.1
4.9
8.6
2.1
11.0
ns
nOE to nAn; see Fig. 5
[4]
VCC(A) = 2.3 V to 2.7 V;
VCC(B) = 3.0 V to 3.6 V
1.0
2.7
9.3
1.0
12.0
ns
VCC(A) = 2.7 V;
VCC(B) = 4.5 V to 5.5 V
1.5
3.5
9.0
1.5
11.5
ns
tdis
disable time
VCC(A) = 3.0 V to 3.6 V;
VCC(B) = 4.5 V to 5.5 V
2.0
3.2
8.6
2.0
11.0
ns
74ALVC164245_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 9 April 2019
8 / 14


Numéro de pièce similaire - 74ALVC164245-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
107Kb / 19P
   16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245BQ NXP-74ALVC164245BQ Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
More results

Description similaire - 74ALVC164245-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com