Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP157DAC1 Fiches technique(PDF) 224 Page - STMicroelectronics

No de pièce STM32MP157DAC1
Description  Arm® dual Cortex®-A7 650 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157DAC1 Fiches technique(HTML) 224 Page - STMicroelectronics

Back Button STM32MP157DAC1 Datasheet HTML 220Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 221Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 222Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 223Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 224Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 225Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 226Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 227Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 258 page
background image
Electrical characteristics
STM32MP157A
224/258
DS12504 Rev 2
Figure 49. I2S slave timing diagram (Philips protocol)(1)
1. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
Figure 50. I2S master timing diagram (Philips protocol)(1)
1. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
SAI characteristics
Unless otherwise specified, the parameters given in Table 102 for SAI are derived from tests
performed under the ambient temperature, Fpclk2 frequency and VDD supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More