Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

56F8367 Fiches technique(PDF) 166 Page - Freescale Semiconductor, Inc

No de pièce 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Fiches technique(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 162Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 163Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 164Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 165Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 166Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 167Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 168Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 169Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
166
Freescale Semiconductor
Preliminary
Part 11 Packaging
Note: The 160 Map Ball Grid Array is not available in the 56F8167 device.
11.1 56F8367 Package and Pin-Out Information
This section contains package and pin-out information for the 56F8367. This device comes in a 160-pin
Low-profile Quad Flat Pack (LQFP) and 160 Map Ball Grid Array. Figure 11-1 shows the package
lay-out for the 160-pin LQFP, and Figure 11-2 for the160 Map Ball Grid Array. Figure 11-5 shows the
mechanical parameters for the LQFP package and Figure 11-3 for the MAPBGA, Table 11-1 lists the
pin-out for the 160-pin LQFP and Table 11-2 lists the pin-out for the 160 MAPBGA.
Figure 11-1 Top View, 56F8367 160-Pin LQFP Package
VDD_IO
VPP2
CLKO
TXD0
RXD0
PHASEA1
PHASEB1
INDEX1
HOME1
A1
A2
A3
A4
A5
VCAP4
VDD_IO
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
VSS
D7
D8
D9
VDD_IO
D10
GPIOB0
GPIOB1
GPIOB2
GPIOB3
Pin 1
Orientation Mark
121
41
GPIOB4
PWMB0
PWMB1
PWMB2
ANB4
ANB3
ANB2
ANB1
ANB0
VSSA_ADC
VDDA_ADC
VREFH
VREFP
VREFMID
VREFN
VREFLO
TEMP_SENSE
ANA7
ANA6
ANA5
ANA4
ANA3
ANA2
ANA1
ANA0
CLKMODE
RESET
RSTO
VDD_IO
VCAP3
EXTAL
XTAL
VDDA_OSC_PLL
OCR_DIS
D6
D5
D4
FAULTA3
D3
FAULTA2
FAULTA1
D2
FAULTA0
PWMA5
81
* When the on-chip regulator is disabled, these four pins become 2.5V VDD_CORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More