| Moteur de recherche de fiches techniques de composants électroniques |
|
STR720RXH6 Fiches technique(PDF) 363 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR720RXH6 Fiches technique(HTML) 363 Page - STMicroelectronics |
|
363 / 401 page ![]() STR720 - MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR) 363/401 24.5.1 Register map In the following tables a summary of all system configuration register and AHB error detection block is reported. Refer also to Table 20 on page 49 and Table 21 on page 50. Table 80. Configuration Register Map Addr. Register Name 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 E000 1000 AGCR1 Reserved ADC_ STOP Res. ADC_ OFF F000 0C00 SGCR1 Reserved CACHE _CONF Reserved EIC_ SRES P7AS BRM F000 0C04 SGCR2 Reserved EXT_ BOOT F000 0C08 SGCR3 Reserved ST3_SEL Reserved F000 2C00 CGC-PGC1 Reserved P11CO P10CO Reserved P7CO P6CO P5CO Res. P3CO P2CO P1CO P0CO F000 2C04 CGC-PUR1 Reserved P11UR P10UR Reserved P7UR P6UR P5UR Res. P3UR P2UR P1UR P0UR F000 2C08 CGC-EMU1 Reserved P11EM P10EM Reserved P7EM P6EM P5EM Res. P3EM P2EM P1EM P0EM F000 2C0C CGC-PGC2 Reserved D2CO D1CO Res. F000 2C10 CGC-PUR2 Reserved D1UR Res. F000 2C14 CGC-EMU2 Reserved D2EM D1EM Res. Table 81. AHB Error detector Register Map Addr. Register Name 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 876 5432 10 F000 3000 AERR_P Reserved AE _P F000 3004 AERR_M Reserved AE _M F000 3008 AERR_FA AERR_FA[31:0] |