Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR720RXH6 Fiches technique(PDF) 160 Page - STMicroelectronics

No de pièce STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Fiches technique(HTML) 160 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 156Page - STMicroelectronics STR720RXH6 Datasheet HTML 157Page - STMicroelectronics STR720RXH6 Datasheet HTML 158Page - STMicroelectronics STR720RXH6 Datasheet HTML 159Page - STMicroelectronics STR720RXH6 Datasheet HTML 160Page - STMicroelectronics STR720RXH6 Datasheet HTML 161Page - STMicroelectronics STR720RXH6 Datasheet HTML 162Page - STMicroelectronics STR720RXH6 Datasheet HTML 163Page - STMicroelectronics STR720RXH6 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 401 page
background image
STR720 - ASYNCHRONOUS AHB-APB BRIDGE (A3BRG)
160/401
15 ASYNCHRONOUS AHB-APB BRIDGE (A3BRG)
15.1 Introduction
In order to reduce power consumption, it is possible to use different clock domains depending
on the performances of each block. Typically, the core will run with a fast clock, whereas a
slower clock can be sufficient for most peripherals. Nevertheless, in low power mode, the core
can also be clocked by a slower clock in order just to manage with peripherals requests. The
asynchronous AHB/APB bridge enables to connect completely asynchronous AHB with APB
buses. It implements a synchronization stage that enables to re-synchronize the AHB with the
APB.
The AHB/APB clocks ratio could be typically around 1/10. As a consequence, an APB read
access will need more than 20 AHB cycle to be done.
15.2 Main Features
■
asynchronous AHB/APB clock domains
■
access to up to 13 peripherals with 4 kBytes memory space each.
■
Programmable registers for:
– AHB/APB bridge status
– transaction configuration
– peripherals clock gating
15.3 Functional Description
The asynchronous AHB/APB bridge functionality can be illustrated by Figure 19 on page 161}
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More