Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR720RXH6 Fiches technique(PDF) 126 Page - STMicroelectronics

No de pièce STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Fiches technique(HTML) 126 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 122Page - STMicroelectronics STR720RXH6 Datasheet HTML 123Page - STMicroelectronics STR720RXH6 Datasheet HTML 124Page - STMicroelectronics STR720RXH6 Datasheet HTML 125Page - STMicroelectronics STR720RXH6 Datasheet HTML 126Page - STMicroelectronics STR720RXH6 Datasheet HTML 127Page - STMicroelectronics STR720RXH6 Datasheet HTML 128Page - STMicroelectronics STR720RXH6 Datasheet HTML 129Page - STMicroelectronics STR720RXH6 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 401 page
background image
STR720 - ATAPI-IDE INTERFACE
126/401
12 ATAPI-IDE INTERFACE
12.1 Introduction
The ATAPI-IDE controller allows the STR720 to interface to up to 2 devices such as Hard Disk
or CD-ROM drives. Communication over the IDE bus is performed in PIO mode only. IDE
communication in DMA or UDMA modes is not supported. The STR720 initiates
communication with the IDE device by writing IDE commands directly in the IDE registers. To
save CPU time, the STR720 DMA controller may be used in “memory-to-memory” transfer
mode to access the IDE registers.
12.2 Main Features
The ATAPI-IDE controller supports the following features:
•
Primary-only channel, supporting up to two IDE devices
•
Support for CD-ROM and tape peripherals
•
Independently programmable timing for each device
•
Programmable posted writes and read-prefetch
•
Software selectable endianness for data read from CDROM / tape peripheral
•
Support for I/O Channel Ready
•
Support for PIO modes 0, 2, 3 and 4
•
Variable IDE:AHB clock ratio
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More