Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

78L05 Fiches technique(PDF) 1 Page - KIA Semiconductor Technology

No de pièce 78L05
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KIA [KIA Semiconductor Technology]
Site Internet  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

78L05 Fiches technique(HTML) 1 Page - KIA Semiconductor Technology

  78L05 Datasheet HTML 1Page - KIA Semiconductor Technology 78L05 Datasheet HTML 2Page - KIA Semiconductor Technology 78L05 Datasheet HTML 3Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THREE TERMINAL POSITIVE
VOLTAGE REGULATORS 5V
KIA
SEMICONDUCTORS
78L05
1.Description
The KIA78L05 is monolithic fixed voltage regulator integrated circuit.It is suitable for applications
that required supply current up to 100mA.
2.Features
n
Output current up to 100mA
n
No external part needed
n
Thermal overload shutdown protection
n
Short circuit current limiting
n
SOT89 package
3.Applications
n
Battery-powered circuitry
n
Post regulator for switching power supply
4. Pinning information
SOT-89
TO-92
1 of3
Rev 1.2 JAN 2015
Pin
Description
1
VOUT
2
GND
3
VIN


Numéro de pièce similaire - 78L05

FabricantNo de pièceFiches techniqueDescription
logo
NEC
78L05 NEC-78L05 Datasheet
387Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS?
logo
SEMTECH ELECTRONICS LTD...
78L05 SEMTECH_ELEC-78L05 Datasheet
294Kb / 2P
   3-Terminal positive voltage regulator
logo
TECH PUBLIC Electronics...
78L05 TECHPUBLIC-78L05 Datasheet
1Mb / 3P
   Three-Terminal Voltage Regulator
logo
National Semiconductor ...
78L05 NSC-78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
logo
Jiangsu High diode Semi...
78L05 HDSEMI-78L05 Datasheet
2Mb / 4P
   TO-92 Encapsulate Three-terminal Voltage Regulator
More results

Description similaire - 78L05

FabricantNo de pièceFiches techniqueDescription
logo
KIA Semiconductor Techn...
78L05T KIA-78L05T Datasheet
51Kb / 3P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V
78L05FS KIA-78L05FS Datasheet
52Kb / 3P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V
logo
STMicroelectronics
LM123 STMICROELECTRONICS-LM123 Datasheet
170Kb / 9P
   THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com