Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XIO2000AI Fiches technique(PDF) 143 Page - Texas Instruments

No de pièce XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Fiches technique(HTML) 143 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 139Page - Texas Instruments XIO2000AI Datasheet HTML 140Page - Texas Instruments XIO2000AI Datasheet HTML 141Page - Texas Instruments XIO2000AI Datasheet HTML 142Page - Texas Instruments XIO2000AI Datasheet HTML 143Page - Texas Instruments XIO2000AI Datasheet HTML 144Page - Texas Instruments XIO2000AI Datasheet HTML 145Page - Texas Instruments XIO2000AI Datasheet HTML 146Page - Texas Instruments XIO2000AI Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 160 page
background image
Electrical Characteristics
134
April 2007 Revised October 2008
SCPS155C
7.3
Nominal Power Consumption
DEVICES
POWER STATE
VOLTS
AMPERES
WATTS
No downstream
D0 idle
1.5
0.159
0.239
3.3
0.019
0.063
Totals:
0.178
0.301
One downstream
D0 idle
1.5
0.159
0.239
3.3
0.026
0.086
Totals:
0.185
0.324
One downstream
D0 active
1.5
0.159
0.239
3.3
0.026
0.086
Totals:
0.185
0.324
Two downstream
D0 idle
1.5
0.159
0.239
3.3
0.032
0.106
Totals:
0.191
0.344
Two downstream
D0 active
1.5
0.159
0.239
3.3
0.032
0.106
Totals:
0.191
0.344
NOTES:
4. D0 idle power state: Downstream PCI device is in PCI state D0. Downstream device driver is loaded. Downstream device is not
actively transferring data.
D0 active power state: Downstream PCI device is in PCI state D0. Downstream device driver is loaded. Downstream device is
acitvely trasferring data.
5. Downstream device 1: Texas Instruments TSB43AB22a OHCI controller.
Downstream device 2: Texas Instruments TSB43AB22a OHCI controller.
No ASPM was used during power consumption testing.
Unused PCI clocks were disabled via XIO2000A PCI register 0xD8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More