Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C-1-24V Fiches technique(PDF) 1 Page - FOTEK CONTROLS CO., LTD.

No de pièce C-1-24V
Description  Light curtain controller
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOTEK [FOTEK CONTROLS CO., LTD.]
Site Internet  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

C-1-24V Fiches technique(HTML) 1 Page - FOTEK CONTROLS CO., LTD.

  C-1-24V Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C-1-LCK
Light curtain controller
Series
光幕安全控制器
* To detect output malfunction of light curtain
Output broke wire detection
Output short circuit detection
* Malfunction detection with latching function
光幕異常偵測
輸出斷線偵測
輸出短路偵測
異常偵測附鎖住功能
Status
OSSD1 OSSD2
RUN
ALARM
Clear
L
H
ON
OFF
Break
H
L
OFF
OFF
Error
H
H
OFF
ON
Error
L
L
OFF
ON
Specification / 基本規格
Product
產品
Light curtain controller
光幕安全控制器
Power supply
24V 電源供應器
Model
型號
C-1-LCK
C-1-24V
Control method
控制方式
OSSD1 & OSSD2 Interlock control
Non
Control output
控制輸出
Relay 1c;5A/250VAC
Non
Alarm output
警報輸出
Relay 1a;5A/250VAC
Non
Latching function
保持功能
Error latching
Non
Power supply
工作電壓
110V / 220VAC 50/60Hz
Current consumption
耗電流
3VA Max.
DC power output
直流輸出
150mA / 24V Max.
Alarm reset
警報復歸
Manual reset
Operating circumstance 工作環境
20℃ ~ +80℃;35% ~ 85% RH
Connection diagram 接線圖
Outline dimension 外形尺寸


Numéro de pièce similaire - C-1-24V

FabricantNo de pièceFiches techniqueDescription
logo
FOTEK CONTROLS CO., LTD...
C-1-24V FOTEK-C-1-24V Datasheet
1Mb / 5P
Slim Long Type Light Curtain
More results

Description similaire - C-1-24V

FabricantNo de pièceFiches techniqueDescription
logo
Pepperl+Fuchs Inc.
SLCS60 PF-SLCS60 Datasheet
868Kb / 7P
Safety light curtain
2023-02-14
SLCT14 PF-SLCT14 Datasheet
862Kb / 7P
Safety light curtain
2023-02-13
logo
Contrinex AG Industrial...
YBB-30K2-0250-G012 CONTRINEX-YBB-30K2-0250-G012 Datasheet
211Kb / 3P
SAFETY LIGHT CURTAIN
YBB-14K4-0150-G012 CONTRINEX-YBB-14K4-0150-G012 Datasheet
212Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K2-0150-G012 CONTRINEX-YBB-30K2-0150-G012 Datasheet
211Kb / 3P
SAFETY LIGHT CURTAIN
YBB-14K4-0250-G012 CONTRINEX-YBB-14K4-0250-G012 Datasheet
212Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K4-0250-G012 CONTRINEX-YBB-30K4-0250-G012 Datasheet
226Kb / 3P
SAFETY LIGHT CURTAIN
logo
Pepperl+Fuchs Inc.
SLCS30 PF-SLCS30 Datasheet
871Kb / 7P
Safety light curtain
2023-02-14
SLCS90 PF-SLCS90 Datasheet
868Kb / 7P
Safety light curtain
2023-02-14
SLCT30 PF-SLCT30 Datasheet
870Kb / 7P
Safety light curtain
2023-02-14
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com