Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F636E/STQTP Fiches technique(PDF) 177 Page - Microchip Technology

No de pièce PIC16F636E/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636E/STQTP Fiches technique(HTML) 177 Page - Microchip Technology

Back Button PIC16F636E/STQTP Datasheet HTML 173Page - Microchip Technology PIC16F636E/STQTP Datasheet HTML 174Page - Microchip Technology PIC16F636E/STQTP Datasheet HTML 175Page - Microchip Technology PIC16F636E/STQTP Datasheet HTML 176Page - Microchip Technology PIC16F636E/STQTP Datasheet HTML 177Page - Microchip Technology PIC16F636E/STQTP Datasheet HTML 178Page - Microchip Technology PIC16F636E/STQTP Datasheet HTML 179Page - Microchip Technology PIC16F636E/STQTP Datasheet HTML 180Page - Microchip Technology PIC16F636E/STQTP Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 175
PIC12F635/PIC16F636/639
17.0
PACKAGING INFORMATION
17.1
Package Marking Information
*
Standard PICmicro device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
017
Example
12F635/P
0510
8-Lead SOIC
XXXXXXXX
XXXXYYWW
NNN
Example
12F635
/SN0510
017
XXXXXX
8-Lead DFN-S
XXXXXX
YYWW
NNN
14-Lead PDIP
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F636-I/P
0510017
PIC12F
Example
635/MF
0510
017
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More