Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F636E/ST Fiches technique(PDF) 178 Page - Microchip Technology

No de pièce PIC16F636E/ST
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636E/ST Fiches technique(HTML) 178 Page - Microchip Technology

Back Button PIC16F636E/ST Datasheet HTML 174Page - Microchip Technology PIC16F636E/ST Datasheet HTML 175Page - Microchip Technology PIC16F636E/ST Datasheet HTML 176Page - Microchip Technology PIC16F636E/ST Datasheet HTML 177Page - Microchip Technology PIC16F636E/ST Datasheet HTML 178Page - Microchip Technology PIC16F636E/ST Datasheet HTML 179Page - Microchip Technology PIC16F636E/ST Datasheet HTML 180Page - Microchip Technology PIC16F636E/ST Datasheet HTML 181Page - Microchip Technology PIC16F636E/ST Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 176
Preliminary
© 2005 Microchip Technology Inc.
17.1
Package Marking Information (Continued)
14-Lead SOIC
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F636
-I/SL
0510017
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
F636/ST
0510
017
20-Lead SSOP
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F639
-I/SS
0510017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More