Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLD139DL Fiches technique(PDF) 2 Page - Shenzhen SI Semiconductors Co.,LTD.

No de pièce BLD139DL
Description  NPN L SERIES TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SISEMIC [Shenzhen SI Semiconductors Co.,LTD.]
Site Internet  http://www.sisemi.com.cn/en_index.aspx
Logo SISEMIC - Shenzhen SI Semiconductors Co.,LTD.

BLD139DL Fiches technique(HTML) 2 Page - Shenzhen SI Semiconductors Co.,LTD.

  BLD139DL Datasheet HTML 1Page - Shenzhen SI Semiconductors Co.,LTD. BLD139DL Datasheet HTML 2Page - Shenzhen SI Semiconductors Co.,LTD. BLD139DL Datasheet HTML 3Page - Shenzhen SI Semiconductors Co.,LTD. BLD139DL Datasheet HTML 4Page - Shenzhen SI Semiconductors Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
深圳深爱半导体股份有限公司
产品规格书
Shenzhen
Shenzhen
Shenzhen
Shenzhen SI
SI
SI
SI Semiconductors
Semiconductors
Semiconductors
Semiconductors Co.,
Co.,
Co.,
Co., LTD.
LTD.
LTD.
LTD.
Product
Product
Product
Product Specification
Specification
Specification
Specification
Si
Si
Si
Si semiconductors
semiconductors
semiconductors
semiconductors
201
201
201
2013.1
3.1
3.1
3.1
2
1
10
100
0.01
0.1
1
10
100
Ic(A)
hFE
1
10
100
0.01
0.1
1
10
100
Ic(A)
hFE
0.01
0.1
1
10
0.01
0.1
1
10
100
Ic(A)
Vces(v)
0.1
1
10
0.01
0.1
1
10
100
Ic(A)
Vbes(v)
NPN
NPN
NPN
NPN 低压系列晶体管//// L
L
L
L SERIES
SERIES
SERIES
SERIES TRANSISTORS
TRANSISTORS
TRANSISTORS
TRANSISTORS
BLD139DL
BLD139DL
BLD139DL
BLD139DL
SOA
SOA
SOA
SOA (DC)
(DC)
(DC)
(DC)
P
P
P
Ptot
tot
tot
tot
Tj
Tj
Tj
Tj
0
20
40
60
80
100
120
0
50
100
150
200
Tj(℃)
%
h
h
h
hFE
FE
FE
FE
---- Ic
Ic
Ic
Ic
h
h
h
hFE
FE
FE
FE
---- Ic
Ic
Ic
Ic
Vces
Vces
Vces
Vcesat
at
at
at ---- Ic
Ic
Ic
Ic
Vbes
Vbes
Vbes
Vbesat
at
at
at ---- Ic
Ic
Ic
Ic
Vce=1.5V
Vce=1.5V
Vce=1.5V
Vce=1.5V
Tj=25
Tj=25
Tj=25
Tj=25℃
IIIIS/B
S/B
S/B
S/B
Ptot
Ptot
Ptot
Ptot
Vce=5V
Vce=5V
Vce=5V
Vce=5V
h
h
h
hFE
FE
FE
FE=5
=5
=5
=5
h
h
h
hFE
FE
FE
FE=5
=5
=5
=5
Tj=
Tj=
Tj=
Tj= −
− 40
40
40
40℃
Tj=125
Tj=125
Tj=125
Tj=125℃
Tj=125
Tj=125
Tj=125
Tj=125℃
Tj=25
Tj=25
Tj=25
Tj=25℃
Tj=
Tj=
Tj=
Tj= −
− 40
40
40
40℃
Tj=25
Tj=25
Tj=25
Tj=25℃
Tj=
Tj=
Tj=
Tj= −
− 40
40
40
40℃
Tj=125
Tj=125
Tj=125
Tj=125℃
Tj=25
Tj=25
Tj=25
Tj=25℃
Tj=
Tj=
Tj=
Tj= −
− 40
40
40
40℃
Tj=125
Tj=125
Tj=125
Tj=125℃
0.01
0.1
1
10
100
1
10
100
1000
Vce(V)
Ic(A)


Numéro de pièce similaire - BLD139DL

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen SI Semiconduct...
BLD139D SISEMIC-BLD139D Datasheet
219Kb / 4P
NPN D SERIES TRANSISTORS
More results

Description similaire - BLD139DL

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
MJE13009 UTC-MJE13009 Datasheet
185Kb / 8P
SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS
logo
Shenzhen SI Semiconduct...
BLD101D SISEMIC-BLD101D Datasheet
324Kb / 4P
NPN D SERIES TRANSISTORS
BLD122DL SISEMIC-BLD122DL Datasheet
559Kb / 6P
NPN L SERIES TRANSISTORS
BLD123DAL SISEMIC-BLD123DAL Datasheet
561Kb / 6P
NPN L SERIES TRANSISTORS
BLD123DL SISEMIC-BLD123DL Datasheet
566Kb / 6P
NPN L SERIES TRANSISTORS
BLD133DL SISEMIC-BLD133DL Datasheet
450Kb / 6P
NPN L SERIES TRANSISTORS
BLD135DL SISEMIC-BLD135DL Datasheet
292Kb / 6P
NPN L SERIES TRANSISTORS
BLD137D SISEMIC-BLD137D Datasheet
218Kb / 4P
NPN D SERIES TRANSISTORS
BLD137DL SISEMIC-BLD137DL Datasheet
217Kb / 4P
NPN L SERIES TRANSISTORS
BLD155DL SISEMIC-BLD155DL Datasheet
215Kb / 4P
NPN L SERIES TRANSISTORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com