Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLD139D Fiches technique(PDF) 1 Page - Shenzhen SI Semiconductors Co.,LTD.

No de pièce BLD139D
Description  NPN D SERIES TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SISEMIC [Shenzhen SI Semiconductors Co.,LTD.]
Site Internet  http://www.sisemi.com.cn/en_index.aspx
Logo SISEMIC - Shenzhen SI Semiconductors Co.,LTD.

BLD139D Fiches technique(HTML) 1 Page - Shenzhen SI Semiconductors Co.,LTD.

  BLD139D Datasheet HTML 1Page - Shenzhen SI Semiconductors Co.,LTD. BLD139D Datasheet HTML 2Page - Shenzhen SI Semiconductors Co.,LTD. BLD139D Datasheet HTML 3Page - Shenzhen SI Semiconductors Co.,LTD. BLD139D Datasheet HTML 4Page - Shenzhen SI Semiconductors Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
深圳深爱半导体股份有限公司
产品规格书
Shenzhen
Shenzhen
Shenzhen
Shenzhen SI
SI
SI
SI Semiconductors
Semiconductors
Semiconductors
Semiconductors Co.,
Co.,
Co.,
Co., LTD.
LTD.
LTD.
LTD.
Product
Product
Product
Product Specification
Specification
Specification
Specification
Si
Si
Si
Si semiconductors
semiconductors
semiconductors
semiconductors
201
201
201
2013
3
3
3....1
1
1
1
1
NPN
NPN
NPN
NPN D
D
D
D 系列晶体管//// D
D
D
D SERIES
SERIES
SERIES
SERIES TRANSISTORS
TRANSISTORS
TRANSISTORS
TRANSISTORS
BLD139D
BLD139D
BLD139D
BLD139D
●特点:::: 耐压高 开关速度快 安全工作区宽 符合 RoHS
RoHS
RoHS
RoHS 规范
FEATURES
FEATURES
FEATURES
FEATURES:
HIGH VOLTAGE CAPABILITY HIGH SPEED SWITCHING WIDE SOA RoHS COMPLIANT
●应用:::: 节能灯 电子镇流器 电子变压器 开关电源
APPLICATION:
APPLICATION:
APPLICATION:
APPLICATION:
FLUORESCENT LAMP
ELECTRONIC BALLAST
ELECTRONIC TRANSFORME
SWITCH MODE POWER SUPPLY
●最大额定值(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
●Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C) TO-220/TO-220S
TO-220/TO-220S
TO-220/TO-220S
TO-220/TO-220S
参数
PARAMETER
PARAMETER
PARAMETER
PARAMETER
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
额定值
VALUE
VALUE
VALUE
VALUE
单位
UNIT
UNIT
UNIT
UNIT
集电极-基极电压
Collector-Base Voltage
VCBO
700
V
集电极-发射极电压
Collector-Emitter Voltage
VCEO
400
V
发射极-基极电压
Emitter- Base Voltage
VEBO
9
V
集电极电流
Collector Current
IC
12
A
集电极耗散功率
Total Power Dissipation
Ptot
100
W
最高工作温度
Junction Temperature
Tj
150
°C
贮存温度
Storage Temperature
Tstg
-65-150
°C
●电特性(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
●Electronic
Electronic
Electronic
Electronic Characteristics
Characteristics
Characteristics
Characteristics(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
参数名称
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
测试条件
TEST
TEST
TEST
TEST CONDITION
CONDITION
CONDITION
CONDITION
最小值
MIN
MIN
MIN
MIN
最大值
MAX
MAX
MAX
MAX
单位
UNIT
UNIT
UNIT
UNIT
集电极-基极截止电流
Collector-Base Cutoff Current
ICBO
VCB=700V
100
μA
集电极-发射极截止电流
Collector-Emitter Cutoff Current
ICEO
VCE=400V,IB=0
250
μA
集电极-基极电压
Collector-Base Voltage
VCBO
IC=1mA,IE=0
700
V
集电极-发射极电压
Collector-Emitter Voltage
VCEO
IC=10mA,IB=0
400
V
发射极-基极电压
Emitter -Base Voltage
VEBO
IE=1mA,IC=0
9
V
集电极-发射极饱和电压
Collector-Emitter Saturation Voltage
Vcesat
IC=8.0A,IB=1.6A
0.6
IC=12.0A,IB=3.0A
0.9
发射极-基极饱和电压
Base-Emitter Saturation Voltage
Vbesat
IC=8A,IB=1.6A
1.2
V
电流放大倍数
DC Current Gain
hFE
VCE=5V,IC=10mA
7
VCE=5V,IC=3.0A
10
40
Vce=5V,Ic=12A
5
贮存时间/Storage Time
ts
VCC=5V,IC=0.5A
(UI9600)
5.0
8.0
µs
下降时间/Falling Time
tf
0.8
内置二极管正向压降
Diode Forward Voltage
VF
IF=6.0A
1.6
V
●订单信息/ORDERING
/ORDERING
/ORDERING
/ORDERING INFORMATION:
INFORMATION:
INFORMATION:
INFORMATION:
包装形式/PACKING
/PACKING
/PACKING
/PACKING
订货编码/ORDERING
/ORDERING
/ORDERING
/ORDERING CODE
CODE
CODE
CODE
普通塑封料//// Nor
Nor
Nor
Norm
m
m
mal
al
al
al Package
Package
Package
Package Material
Material
Material
Material
无卤塑封料////Halogen
Halogen
Halogen
Halogen Free
Free
Free
Free
TO-220 普通袋装/NORMAL PACKING
BLD139D TO-220
BLD139D TO-220-HF
TO-220S
TO-220S
TO-220S
TO-220S 普通袋装/NORMAL PACKING
BLD139D TO-220S
BLD139D TO-220S-HF
TO-220
TO-220
TO-220
TO-220 条管装/TUBE PACKING
BLD139D TO-220-TU
BLD139D TO-220-TU-HF


Numéro de pièce similaire - BLD139D

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen SI Semiconduct...
BLD139DL SISEMIC-BLD139DL Datasheet
217Kb / 4P
   NPN L SERIES TRANSISTORS
More results

Description similaire - BLD139D

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen SI Semiconduct...
BLD101D SISEMIC-BLD101D Datasheet
324Kb / 4P
   NPN D SERIES TRANSISTORS
BLD137D SISEMIC-BLD137D Datasheet
218Kb / 4P
   NPN D SERIES TRANSISTORS
BLD102D SISEMIC-BLD102D Datasheet
352Kb / 4P
   NPN D SERIES TRANSISTORS
BLD128D SISEMIC-BLD128D Datasheet
270Kb / 5P
   NPN D SERIES TRANSISTORS
BLD132D SISEMIC-BLD132D Datasheet
389Kb / 5P
   NPN D SERIES TRANSISTORS
BLD13005DX SISEMIC-BLD13005DX Datasheet
743Kb / 7P
   NPN D SERIES TRANSISTORS
BLD112D SISEMIC-BLD112D Datasheet
356Kb / 4P
   NPN D SERIES TRANSISTORS
BLDB128D SISEMIC-BLDB128D Datasheet
268Kb / 5P
   NPN D SERIES TRANSISTORS
MJE13003D SISEMIC-MJE13003D Datasheet
483Kb / 6P
   NPN D SERIES TRANSISTORS
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
   NPN D SERIES TRANSISTORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com