Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4747A Fiches technique(PDF) 1 Page - Anova Technologies CO., LTD.

No de pièce 1N4747A
Description  Axial Lead Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANOVA [Anova Technologies CO., LTD.]
Site Internet  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

1N4747A Fiches technique(HTML) 1 Page - Anova Technologies CO., LTD.

  1N4747A Datasheet HTML 1Page - Anova Technologies CO., LTD. 1N4747A Datasheet HTML 2Page - Anova Technologies CO., LTD. 1N4747A Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4728A-Z1330A
www.anova-semi.com
Revision: B
Mar-26-2012
P. 1
VZ: 3.3 to 330 V
PD: 1 W
Note:
For use in stabilizing and clipping circuits
with high power rating
Axial Lead
Zener Diodes
Features
DO-41
Glass passivated chip
Low leakage
Built-in strain relief
Low inductance
High peak reverse power dissipation
Lead (Pb)-free component
Polarity: Color band denotes cathode end
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads,Solderable per MIL-
STD-202, method 208 guranteed
Mounting position: Any
Maximum Ratings(TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
DC power dissipation at TL = 75 °C(1)
PD
1
W
Maximum forward voltage at IF = 200 mA
VF
1.2
V
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
Maximum thermal resistance junction to ambient air(2)
RӨJA
170
°C/W
Junction temperature range
TJ
- 55 to + 175
°C
Storage temperature range
TSTG
- 55 to + 175
°C
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
0.033
0.028
[0.84
0.71
]
0.117
0.090
[2.97
2.29
]
MIN
MIN
DIA.
DIA.
Dimensions :
inch [ mm ]
0.205
0.165
[5.21
4.19
]
1.000 [25.40]
1.000 [25.40]


Numéro de pièce similaire - 1N4747A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1N4747A PHILIPS-1N4747A Datasheet
31Kb / 6P
Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4747A VISHAY-1N4747A Datasheet
40Kb / 4P
Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Transys Electronics
1N4747A TRSYS-1N4747A Datasheet
348Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Rectron Semiconductor
1N4747A RECTRON-1N4747A Datasheet
19Kb / 2P
1W 5% DO-41 ZENER DIODE
logo
Fairchild Semiconductor
1N4747A FAIRCHILD-1N4747A Datasheet
22Kb / 2P
One Watt Zeners
More results

Description similaire - 1N4747A

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BZX55-C PANJIT-BZX55-C Datasheet
126Kb / 4P
AXIAL LEAD ZENER DIODES
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
AXIAL LEAD ZENER DIODES
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
AXIAL LEAD ZENER DIODES
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
Axial Lead Zener Diodes
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
Axial Lead Zener Diodes
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
Axial Lead Zener Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com